Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC088S102 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No. de pieza ADC088S102
Descripción Electrónicos  8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC088S102 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button ADC088S102 Datasheet HTML 4Page - National Semiconductor (TI) ADC088S102 Datasheet HTML 5Page - National Semiconductor (TI) ADC088S102 Datasheet HTML 6Page - National Semiconductor (TI) ADC088S102 Datasheet HTML 7Page - National Semiconductor (TI) ADC088S102 Datasheet HTML 8Page - National Semiconductor (TI) ADC088S102 Datasheet HTML 9Page - National Semiconductor (TI) ADC088S102 Datasheet HTML 10Page - National Semiconductor (TI) ADC088S102 Datasheet HTML 11Page - National Semiconductor (TI) ADC088S102 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Typical Performance Characteristics V
A =VD = +5.0V, TA = +25˚C, fSAMPLE = 1 MSPS, fSCLK =16
MHz, f
IN = 40.2 kHz unless otherwise stated.
DNL
DNL
20166540
20166541
INL
INL
20166542
20166543
DNL vs. Supply
INL vs. Supply
20166521
20166520
www.national.com
8


Número de pieza similar - ADC088S102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC088S102 TI1-ADC088S102 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC088S102CIMT TI1-ADC088S102CIMT Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC088S102CIMT/NOPB TI1-ADC088S102CIMT/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC088S102CIMTX TI1-ADC088S102CIMTX Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC088S102CIMTX/NOPB TI1-ADC088S102CIMTX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
More results

Descripción similar - ADC088S102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC088S102 TI1-ADC088S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC108S102 NSC-ADC108S102 Datasheet
877Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
ADC082S101 TI1-ADC082S101_14 Datasheet
1Mb / 25P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC128S102 NSC-ADC128S102 Datasheet
852Kb / 18P
   8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC108S102 TI1-ADC108S102_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC084S101CIMM TI1-ADC084S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC108S102 TI1-ADC108S102_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC108S102 8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC084S101 TI1-ADC084S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC084S101CIMM TI-ADC084S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com