Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74LCX07 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC74LCX07
Descripción Electrónicos  Low-Voltage CMOS Hex Buffer with Open Drain Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX07 Datasheet(HTML) 1 Page - ON Semiconductor

  MC74LCX07 Datasheet HTML 1Page - ON Semiconductor MC74LCX07 Datasheet HTML 2Page - ON Semiconductor MC74LCX07 Datasheet HTML 3Page - ON Semiconductor MC74LCX07 Datasheet HTML 4Page - ON Semiconductor MC74LCX07 Datasheet HTML 5Page - ON Semiconductor MC74LCX07 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
May, 2005 − Rev. 10
1
Publication Order Number:
MC74LCX07/D
MC74LCX07
Low−Voltage CMOS Hex
Buffer with Open Drain
Outputs
With 5 V−Tolerant Inputs
The MC74LCX07 is a high performance hex buffer operating from
a 2.3 to 3.6 V supply. High impedance TTL compatible inputs
significantly reduce current loading to input drivers. These LCX
devices have open drain outputs which provide the ability to set output
levels, or do active−HIGH AND or active−LOW OR functions. A VI
specification of 5.5 V allows MC74LCX07 inputs to be safely driven
from 5.0 V devices.
Features
Designed for 2.3 to 3.6 V V
CC Operation
5.0 V Tolerant Inputs/Outputs
LVTTL Compatible
LVCMOS Compatible
24 mA Output Sink Capability
Near Zero Static Supply Current (10 mA) Substantially Reduces
System Power Requirements
Latchup Performance Exceeds 500 mA
Wired−OR, Wired−AND
Output Level Can Be Set Externally Without Affecting Speed of
Device
ESD Performance: Human Body Model >1500 V;
Machine Model >200 V
Pb−Free Packages are Available*
13
14
12
11
10
9
8
2
1
34567
VCC
A3
O3
A4
O4
A5
O5
A0
O0
A1
O1
A2
O2
GND
Figure 1. Pinout: 14−Lead (Top View)
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING
DIAGRAMS
TSSOP−14
DT SUFFIX
CASE 948G
14
1
SOEIAJ−14
M SUFFIX
CASE 965
SOIC−14
D SUFFIX
CASE 751A
14
1
14
1
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW
= Work Week
G
= Pb−Free Package
G
= Pb−Free Package
(Note: Microdot may be in either location)
1
14
74LCX07
ALYWG
LCX07G
AWLYWW
1
14
LCX
07
ALYW
G
G
1
14


Número de pieza similar - MC74LCX07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74LCX07 ONSEMI-MC74LCX07 Datasheet
259Kb / 8P
   Low-Voltage CMOS Hex Buffer with Open Drain Outputs
October, 2012 ??Rev. 14
MC74LCX07DG ONSEMI-MC74LCX07DG Datasheet
127Kb / 6P
   Low-Voltage CMOS Hex Buffer with Open Drain Outputs
July, 2012 ??Rev. 13
MC74LCX07DG ONSEMI-MC74LCX07DG Datasheet
259Kb / 8P
   Low-Voltage CMOS Hex Buffer with Open Drain Outputs
October, 2012 ??Rev. 14
MC74LCX07DR2G ONSEMI-MC74LCX07DR2G Datasheet
127Kb / 6P
   Low-Voltage CMOS Hex Buffer with Open Drain Outputs
July, 2012 ??Rev. 13
MC74LCX07DR2G ONSEMI-MC74LCX07DR2G Datasheet
259Kb / 8P
   Low-Voltage CMOS Hex Buffer with Open Drain Outputs
October, 2012 ??Rev. 14
More results

Descripción similar - MC74LCX07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74LCX07 ONSEMI-MC74LCX07_12 Datasheet
127Kb / 6P
   Low-Voltage CMOS Hex Buffer with Open Drain Outputs
July, 2012 ??Rev. 13
MC74LCX07 ONSEMI-MC74LCX07_V01 Datasheet
259Kb / 8P
   Low-Voltage CMOS Hex Buffer with Open Drain Outputs
October, 2012 ??Rev. 14
logo
Fairchild Semiconductor
74LCX07 FAIRCHILD-74LCX07 Datasheet
69Kb / 10P
   Low Voltage Hex Buffer with Open Drain Outputs
logo
ON Semiconductor
74LCX07 ONSEMI-74LCX07 Datasheet
693Kb / 13P
   Low Voltage Hex Buffer with Open Drain Outputs
December 2013 Rev. 1.11.1
logo
Fairchild Semiconductor
74LCX07 FAIRCHILD-74LCX07_08 Datasheet
680Kb / 12P
   Low Voltage Hex Buffer with Open Drain Outputs
74LCX07MX FAIRCHILD-74LCX07MX Datasheet
680Kb / 12P
   Low Voltage Hex Buffer with Open Drain Outputs
74LCX06 FAIRCHILD-74LCX06 Datasheet
60Kb / 7P
   Low Voltage Hex Inverter/Buffer with Open Drain Outputs
logo
ON Semiconductor
74LCX06 ONSEMI-74LCX06 Datasheet
255Kb / 8P
   Low Voltage Hex Inverter/Buffer with Open Drain Outputs
January 2008 Rev. 1.8.0
logo
STMicroelectronics
74LCX07YMTR STMICROELECTRONICS-74LCX07YMTR Datasheet
252Kb / 16P
   Low-voltage CMOS hex buffer (open drain)
logo
Fairchild Semiconductor
74LCX06 FAIRCHILD-74LCX06_01 Datasheet
78Kb / 7P
   Low Voltage Hex Inverter/Buffer with Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com