Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL43L410IR-T Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISL43L410IR-T
Descripción Electrónicos  Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L410IR-T Datasheet(HTML) 3 Page - Intersil Corporation

  ISL43L410IR-T Datasheet HTML 1Page - Intersil Corporation ISL43L410IR-T Datasheet HTML 2Page - Intersil Corporation ISL43L410IR-T Datasheet HTML 3Page - Intersil Corporation ISL43L410IR-T Datasheet HTML 4Page - Intersil Corporation ISL43L410IR-T Datasheet HTML 5Page - Intersil Corporation ISL43L410IR-T Datasheet HTML 6Page - Intersil Corporation ISL43L410IR-T Datasheet HTML 7Page - Intersil Corporation ISL43L410IR-T Datasheet HTML 8Page - Intersil Corporation ISL43L410IR-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN6090.1
November 3, 2004
Absolute Maximum Ratings
Thermal Information
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 4.7V
Input Voltages
NO, NC, ADD, INH (Note 2) . . . . . . . . . . . . . -0.3 to ((V+) + 0.3V)
Output Voltages
COM (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to ((V+) + 0.3V)
Continuous Current NO, NC, or COM . . . . . . . . . . . . . . . . .
±300mA
Peak Current NO, NC, or COM
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . .
±500mA
ESD Rating:
HBM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>9kV
MM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>500V
CDM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>1kV
Thermal Resistance (Typical, Note 3)
θJA (°C/W)
10 Ld 3x3 DFN Package . . . . . . . . . . . . . . . . . . . . .
110
10 Ld MSOP Package . . . . . . . . . . . . . . . . . . . . . . .
190
Maximum Junction Temperature (Plastic Package). . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300°C
(Lead Tips Only)
Operating Conditions
Temperature Range
ISL43L410IX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to 85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
2. Signals on NC, NO, ADD, INH, or COM exceeding V+ or GND are clamped by internal diodes. Limit forward diode current to maximum current
ratings.
3.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications - 3V Supply
Test Conditions: V+ = +2.7V to +3.3V, GND = 0V, VINH = 1.4V, VINL = 0.5V (Note 4, 6),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 2.7V, ICOM = 100mA, VNO or VNC = 0V to V+,
See Figure 5
25
-
0.29
0.4
Full
-
-
0.4
RON Matching Between Channels,
∆RON
V+ = 2.7V, ICOM = 100mA, VNO or VNC= Voltage at max
RON, Note 9
25
-
0.03
0.06
Full
-
-
0.06
RON Flatness, RFLAT(ON)
V+ = 2.7V, ICOM = 100mA, VNO or VNC = 0V to V+,
Note 7
25
-
0.03
0.1
Full
-
-
0.1
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 3.3V, VCOM = 0.3V, 3V, VNO or VNC = 3V, 0.3V
25
-2
-
2
nA
Full
-40
-
40
nA
COM ON Leakage Current,
ICOM(ON)
V
+ = 3.3V, VCOM = 0.3V, 3V, or VNO or VNC = 0.3V, 3V
25
-3
-
3
nA
Full
-60
-
60
nA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 2.7V, VNO or VNC = 1.5V, RL = 50Ω, CL = 35pF,
See Figure 1, Note 8
25
-
14
20
ns
Full
-
-
25
ns
Turn-OFF Time, tOFF
V+ = 2.7V, VNO or VNC = 1.5V, RL = 50Ω, CL = 35pF,
See Figure 1, Note 8
25
-
6
12
ns
Full
-
-
17
ns
Break-Before-Make Time Delay, tD
V+ = 3.3V, VNO or VNC = 1.5V, RL = 50Ω, CL = 35pF,
See Figure 3, Note 8
Full
2
7
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω, See Figure 2
25
-
95
-
pC
OFF Isolation
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS,
See Figure 4
25
-
68
-
dB
Crosstalk (Channel-to-Channel)
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS,
See Figure 6
25
-
-95
-
dB
Total Harmonic Distortion
f = 20Hz to 20kHz, VCOM = 2VP-P, RL = 600Ω
25
-
0.003
-
%
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7
25
-
115
-
pF
COM ON Capacitance, CCOM(ON) f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7
25
-
224
-
pF
ISL43L410


Número de pieza similar - ISL43L410IR-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL43L410IR-T INTERSIL-ISL43L410IR-T Datasheet
276Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Renesas Technology Corp
ISL43L410IR-T RENESAS-ISL43L410IR-T Datasheet
642Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
More results

Descripción similar - ISL43L410IR-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL43L410 RENESAS-ISL43L410 Datasheet
642Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Intersil Corporation
ISL43L410 INTERSIL-ISL43L410_06 Datasheet
276Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Renesas Technology Corp
ISL83699 RENESAS-ISL83699 Datasheet
608Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL83699IR INTERSIL-ISL83699IR Datasheet
418Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
November 5, 2004
FN6094 INTERSIL-FN6094 Datasheet
412Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL54053IRUZ-T INTERSIL-ISL54053IRUZ-T Datasheet
444Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
October 19, 2009
ISL54053_0709 INTERSIL-ISL54053_0709 Datasheet
377Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Renesas Technology Corp
ISL84714 RENESAS-ISL84714 Datasheet
523Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Intersil Corporation
ISL54053 INTERSIL-ISL54053 Datasheet
445Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL84714_0411 INTERSIL-ISL84714_0411 Datasheet
345Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com