Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL59441IAZ Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza ISL59441IAZ
Descripción Electrónicos  900MHz Multiplexing Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59441IAZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL59441IAZ Datasheet HTML 1Page - Intersil Corporation ISL59441IAZ Datasheet HTML 2Page - Intersil Corporation ISL59441IAZ Datasheet HTML 3Page - Intersil Corporation ISL59441IAZ Datasheet HTML 4Page - Intersil Corporation ISL59441IAZ Datasheet HTML 5Page - Intersil Corporation ISL59441IAZ Datasheet HTML 6Page - Intersil Corporation ISL59441IAZ Datasheet HTML 7Page - Intersil Corporation ISL59441IAZ Datasheet HTML 8Page - Intersil Corporation ISL59441IAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN6163.2
September 21, 2005
FIGURE 7. LARGE SIGNAL 0.1dB GAIN vs FREQUENCY vs CL
FIGURE 8. LARGE SIGNAL 0.1dB GAIN vs FREQUENCY vs RL
FIGURE 9. PSRR CHANNELS
FIGURE 10. CROSSTALK AND OFF ISOLATION
FIGURE 11. INPUT NOISE vs FREQUENCY
FIGURE 12. INPUT NOISE vs FREQUENCY
Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = 25°C, unless otherwise specified. (Continued)
110
100
1000
FREQUENCY (MHz)
CL = 7.2pF
CL = 1.6pF
CL = 5.5pF
CL INCLUDES 1.6pF
BOARD CAPACITANCE
CL = 9.7pF
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
AV = 2
VOUT = 2VP-P
RG = RF = 205Ω
110
100
FREQUENCY (MHz)
RL = 1kΩ
RL = 500Ω
1000
RL = 75Ω
AV = 2
VOUT = 2VP-P
CL = 1.6pF
RG = RF = 205Ω
RL = 150Ω
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
FREQUENCY (MHz)
0
-10
-30
0.3
1
10
100
1000
-50
-70
PSRR (V-)
PSRR (V+)
10
-20
-40
-60
-80
20
AV = 2
VIN = 200mVP-P
CL = 1.6pF
RG = RF = 205Ω
FREQUENCY (MHz)
-20
-40
-60
0.001
0.1
10
100
500
-80
-100
CROSSTALK
OFF ISOLATION
-30
-50
-70
-90
-110
-10
1
0.01
3 6
AV = 2
VIN = 1VP-P
CL = 1.6pF
RG = RF = 205Ω
0.1
110
100
FREQUENCY (kHz)
AV = 1, RF = 500Ω
24
20
16
12
8
4
0
60
50
40
30
20
10
0
0.1
110
100
FREQUENCY (kHz)
AV = 1, RF = 500Ω
ISL59441


Número de pieza similar - ISL59441IAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL59441IAZ RENESAS-ISL59441IAZ Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
ISL59441IAZ-T13 RENESAS-ISL59441IAZ-T13 Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
ISL59441IAZ-T7 RENESAS-ISL59441IAZ-T7 Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
More results

Descripción similar - ISL59441IAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL59441 RENESAS-ISL59441 Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
   865MHz Multiplexing Amplifier
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
ISL59440 INTERSIL-ISL59440_07 Datasheet
435Kb / 12P
   400MHz Multiplexing Amplifier
ISL59420IUZ INTERSIL-ISL59420IUZ Datasheet
530Kb / 13P
   400MHz Multiplexing Amplifier
July 3, 2012
ISL59420 INTERSIL-ISL59420 Datasheet
548Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59420 RENESAS-ISL59420 Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
ISL59421 RENESAS-ISL59421 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
ISL59440 RENESAS-ISL59440 Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
logo
RF Micro Devices
RF2162 RFMD-RF2162 Datasheet
218Kb / 10P
   3V 900MHZ LINEAR AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com