Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC74HC367A Datasheet(PDF) 4 Page - ON Semiconductor

No. de Pieza. MC74HC367A
Descripción  Hex 3-State Noninverting Buffer with Separate 2-Bit and 4-Bit Sections
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

MC74HC367A Datasheet(HTML) 4 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74HC367A
MOTOROLA
High–Speed CMOS Logic Data
DL129 — Rev 6
4
SWITCHING WAVEFORMS
VCC
GND
tf
tr
INPUT A
OUTPUT Y
10%
50%
90%
10%
50%
90%
tTLH
tPLH
tPHL
tTHL
OUTPUT ENABLE
OUTPUT Y
OUTPUT Y
50%
50%
50%
90%
10%
tPZL
tPLZ
tPZH
tPHZ
VCC
GND
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
Figure 1.
Figure 2.
TEST CIRCUITS
* Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
* Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
1 k
Figure 3.
Figure 4.
A
OUTPUT ENABLE
VCC
TO OTHER
BUFFERS
Y
LOGIC DETAIL
ONE OF 6
BUFFERS


Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn