Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SO2040M200S Datasheet(PDF) 1 Page - Schneider Electric

No. de Pieza. SO2040M200S
Descripción  Homeline All In One combination service entrance device, ringed socket, no bypass, OH, 200 A, 10 kA, 20 spaces
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SCHNEIDER [Schneider Electric]
Página de inicio  https://www.se.com/us/en/
Logo 

SO2040M200S Datasheet(HTML) 1 Page - Schneider Electric

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
SO2040M200S
Homeline All In One combination service entrance
device, ringed socket, no bypass, OH, 200 A, 10
kA, 20 spaces
Product availability : Stock - Normally stocked in distribution facility
Price** : 1,161.00 USD
Main
Product or component type
All-In-One
Range of product
Homeline
Meter socket type
Ringed
Hub type
A
Complementary
Line Rated Current
200 A
Short-circuit current
22 kA
Mounting
Surface
Number of spaces
20
Number of circuits
40
Number of Tandem Breakers
20
Electrical connection
Lugs line side
Lugs service ground
Wire Size
AWG 6...350 kcmil aluminium)line side
AWG 6...350 kcmil copper)line side
AWG 8...AWG 2/0 aluminium)service ground
AWG 8...AWG 2/0 copper)service ground
Disconnect
Service disconnect (factory installed)
Disconnect Rating
200 A
Branch Breaker Rating
200 A
Service feed location
OH
Bypass type
No bypass
Connections - terminals
Lugs
Indoor/Outdoor Use
Surface mounting
Height
1039.62 mm (40.93 in)
Mar 30, 2020
1


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn