Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SO2040VP Datasheet(PDF) 1 Page - Schneider Electric

No. de Pieza. SO2040VP
Descripción  ALL-IN-ONE RING T-SURFACE OH 200A VALUE PAC
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SCHNEIDER [Schneider Electric]
Página de inicio  https://www.se.com/us/en/
Logo 

SO2040VP Datasheet(HTML) 1 Page - Schneider Electric

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
SO2040VP
ALL-IN-ONE RING T-SURFACE OH 200A
VALUE PAC
Product availability : Stock - Normally stocked in distribution facility
Price** : 1,358.00 USD
Main
Product or component type
All-In-One
Range of product
Homeline
Meter socket type
Ringed
Hub type
A
Included Options
Circuit breaker 1) 2P 200 A 120/240 V AC main supply ready assembled
Circuit breaker 4) 1P 20 A 120 V AC
Tandem circuit breaker 1) 1P 20 A 120 V AC
Circuit breaker 1) 2P 30 A 120 V AC
Circuit breaker 1) 2P 50 A 120 V AC
Complementary
Line Rated Current
200 A
Short-circuit current
22 kA
Mounting
Surface
Number of spaces
20
Number of circuits
40
Number of Tandem Breakers
20
Electrical connection
Lugs line side
Lugs service ground
Wire Size
AWG 6...350 kcmil aluminium/copper)line side
AWG 8...AWG 2/0 aluminium/copper)service ground
Disconnect
Service disconnect (factory installed)
Disconnect Rating
200 A
Branch Breaker Rating
200 A
Service feed location
OH
Bypass type
No bypass
Height
41.18 in (1045.97 mm)
Width
18.76 in (476.50 mm)
Mar 30, 2020
1


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn