Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM42BDS640AGBD9IT Datasheet(PDF) 10 Page - SPANSION

No. de pieza AM42BDS640AGBD9IT
Descripción Electrónicos  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPANSION [SPANSION]
Página de inicio  http://www.spansion.com
Logo SPANSION - SPANSION

AM42BDS640AGBD9IT Datasheet(HTML) 10 Page - SPANSION

Back Button AM42BDS640AGBD9IT Datasheet HTML 6Page - SPANSION AM42BDS640AGBD9IT Datasheet HTML 7Page - SPANSION AM42BDS640AGBD9IT Datasheet HTML 8Page - SPANSION AM42BDS640AGBD9IT Datasheet HTML 9Page - SPANSION AM42BDS640AGBD9IT Datasheet HTML 10Page - SPANSION AM42BDS640AGBD9IT Datasheet HTML 11Page - SPANSION AM42BDS640AGBD9IT Datasheet HTML 12Page - SPANSION AM42BDS640AGBD9IT Datasheet HTML 13Page - SPANSION AM42BDS640AGBD9IT Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
November 1, 2002
Am42BDS640AG
9
P R E L I M INARY
PIN DESCRIPTION
A19–A0
=
20 Address Inputs (Common)
A21–A20
=
2 Address Inputs (Flash)
DQ15–DQ0
=
16 Data Inputs/Outputs (Common)
CE#f
=
Chip Enable (Flash)
CE1#s
=
Chip Enable 1 (SRAM)
CE2s
=
Chip Enable 2 (SRAM)
OE#
=
Output Enable (Common)
WE#
=
Write Enable (Common)
UB#s
=
Upper Byte Control (SRAM)
LB#s
=
Lower Byte Control (SRAM)
RESET#
=
Hardware Reset Pin, Active Low
VCCf
=
Flash 1.8 volt-only single power
supply (see Product Selector Guide
for speed options and voltage sup-
ply tolerances)
VIOf
=
Input & Output Buffer Power Supply
must be tied to VCCf.
VCCs
=
SRAM Power Supply
VSS
=
Device Ground (Common)
NC
=
Pin Not Connected Internally
RDY
=
Ready output; indicates the status of
the Burst read. Low = data not valid
at expected time. High = data valid.
CLK
=
CLK is not required in asynchronous
mode. In burst mode, after the initial
word is output, subsequent active
edges of CLK increment the internal
address counter.
AVD#
=
Address Valid input. Indicates to de-
vice that the valid address is present
on the address inputs (A21–A0).
Low = for asynchronous mode, indi-
cates valid address; for burst mode,
causes starting address to be
latched.
High = device ignores address in-
puts
WP#
=
Hardware write protect input. At V
IL,
disables program and erase func-
tions in the two outermost sectors.
Should be at V
IH for all other condi-
tions.
ACC
=
At V
ID, accelerates programming;
automatically places device in un-
lock bypass mode. At V
IL, locks all
sectors. Should be at V
IH for all other
conditions.
LOGIC SYMBOL
20
16
DQ15–DQ0
A19–A0
CE#f
OE#
WE#
RESET#
UB#s
RDY
WP#
A21–A20
LB#s
ACC
CE1#s
CE2s
AVD#
CLK


Número de pieza similar - AM42BDS640AGBD9IT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM42BDS640AGBD9IT AMD-AM42BDS640AGBD9IT Datasheet
995Kb / 72P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
More results

Descripción similar - AM42BDS640AGBD9IT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42585 AMD-DS42585 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42587 AMD-DS42587 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM49DL640AG AMD-AM49DL640AG Datasheet
1,005Kb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM41DL6408H AMD-AM41DL6408H Datasheet
1Mb / 66P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42516 AMD-DS42516 Datasheet
953Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com