Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74LCX157DT Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC74LCX157DT
Descripción Electrónicos  LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX157DT Datasheet(HTML) 1 Page - ON Semiconductor

  MC74LCX157DT Datasheet HTML 1Page - ON Semiconductor MC74LCX157DT Datasheet HTML 2Page - ON Semiconductor MC74LCX157DT Datasheet HTML 3Page - ON Semiconductor MC74LCX157DT Datasheet HTML 4Page - ON Semiconductor MC74LCX157DT Datasheet HTML 5Page - ON Semiconductor MC74LCX157DT Datasheet HTML 6Page - ON Semiconductor MC74LCX157DT Datasheet HTML 7Page - ON Semiconductor MC74LCX157DT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 1
© Motorola, Inc. 1997
3/97
Low-Voltage CMOS Quad
2-Input Multiplexer
With 5V-Tolerant Inputs
(Non-Inverting)
The MC74LCX157 is a high performance, quad 2–input multiplexer
operating from a 2.7 to 3.6V supply. High impedance TTL compatible
inputs significantly reduce current loading to input drivers while TTL
compatible outputs offer improved switching noise performance. A VI
specification of 5.5V allows MC74LCX157 inputs to be safely driven from
5V devices.
Four bits of data from two sources can be selected using the Select
and Enable inputs. The four outputs present the selected data in the true
(non–inverted) form. The MC74LCX157 can also be used as a function
generator. Current drive capability is 24mA at the outputs.
Designed for 2.7 to 3.6V VCC Operation
5V Tolerant Inputs — Interface Capability With 5V TTL Logic
LVTTL Compatible
LVCMOS Compatible
24mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current (10µA) Substantially Reduces System
Power Requirements
Latchup Performance Exceeds 500mA
ESD Performance: Human Body Model >2000V; Machine Model >200V
15
16
14
13
12
11
10
2
1
3
4
567
VCC
9
8
E
I0c
I1c
Zc
I0d
I1d
Zd
S
I0a
I1a
Za
I0b
I1b
Zb
GND
Figure 1. 16–Lead Pinout (Top View)
PIN NAMES
Function
Source 0 Data Inputs
Source 1 Data Inputs
Enable Input
Select Input
Outputs
Pins
I0n
I1n
E
S
Zn
MC74LCX157
LOW–VOLTAGE CMOS
QUAD 2–INPUT MULTIPLEXER
M SUFFIX
16–LEAD PLASTIC SOIC EIAJ PACKAGE
CASE 966–01
D SUFFIX
16–LEAD PLASTIC SOIC PACKAGE
CASE 751B–05
DT SUFFIX
16–LEAD PLASTIC TSSOP PACKAGE
CASE 948F–01
SD SUFFIX
16–LEAD PLASTIC SSOP PACKAGE
CASE 940B–03


Número de pieza similar - MC74LCX157DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC74LCX157DT MOTOROLA-MC74LCX157DT Datasheet
145Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74LCX157DT ONSEMI-MC74LCX157DT Datasheet
85Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs (Non?묲nverting)
January, 2005 ??Rev. 4
MC74LCX157DTG ONSEMI-MC74LCX157DTG Datasheet
159Kb / 7P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 6
MC74LCX157DTR2 ONSEMI-MC74LCX157DTR2 Datasheet
85Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs (Non?묲nverting)
January, 2005 ??Rev. 4
MC74LCX157DTR2G ONSEMI-MC74LCX157DTR2G Datasheet
159Kb / 7P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 6
More results

Descripción similar - MC74LCX157DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC74LCX157 MOTOROLA-MC74LCX157 Datasheet
145Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
MC74LCX158 MOTOROLA-MC74LCX158 Datasheet
115Kb / 4P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74LCX158 ONSEMI-MC74LCX158_12 Datasheet
159Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 7
MC74LCX257 ONSEMI-MC74LCX257 Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
1996 REV 0.2
logo
Motorola, Inc
MC74LCX257 MOTOROLA-MC74LCX257 Datasheet
155Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer
MC74LCX258 MOTOROLA-MC74LCX258 Datasheet
116Kb / 4P
   Low-Voltage CMOS Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74LCX157 ONSEMI-MC74LCX157_12 Datasheet
159Kb / 7P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 6
MC74LCX258 ONSEMI-MC74LCX258_12 Datasheet
134Kb / 10P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 8
MC74LCX257 ONSEMI-MC74LCX257_12 Datasheet
132Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 7
logo
Fairchild Semiconductor
74LCX257MTCX FAIRCHILD-74LCX257MTCX Datasheet
103Kb / 9P
   Low Voltage Quad 2-Input Multiplexer Low Voltage Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com