Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


2N1618 Datasheet(Hoja de datos) 2 Page - Seme LAB

No. de Pieza. 2N1618
Descripción  NPN SILICON TRANSISTOR
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo 

   
 2 page
background image
LAB
SEME
2N1618
Parameter
Test Conditions
Min.
Typ.
Max. Units
ICBO
Collector-Base cut-off current
Tcase = 150°C
VCB = 100V
IE = 0
10
mA
ICEX
Collector-Emitter cut-off current
VCB = 100V
VBE = -1V
1
IEBO
Emitter-Base cut-off current
VEB = 8V
IC = 0
1
V(BR)CEO* Collector-Emitter Breakdown Voltage
IC = 100mA
IB = 0
80
V
V(BR)EBO* Emitter-Base Breakdown Voltage
IB = 1mA
IC = 0
8
V(BR)CBO* Collector-Base Breakdown Voltage
IC = 1mA
IE = 0
100
h21E
Static Forward Current Transfer Ratio
VCE = 12V
IC = 2A
15
75
-
VCEsat
Collector-Emitter Saturation Voltage
IC = 2A
IB = 250mA
2
V
VBE
Base
-Emitter Voltage
VCE = 12V
IC = 2A
3
fT
Transition Frequency (f=1MHz)
VCE = 30V
IC = 300mA
3
MHz
Rth(J-C) Thermal Resistance (junction to case)
1.75
°C/W
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 5641
Issue 1
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
* Pulse test tp = 300µs , δ ≤ 2%




Html Pages

1  2 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
CMPT3646NPN SILICON TRANSISTOR 1 2 Central Semiconductor Corp
CMST6427EENHANCED SPECIFICATION SURFACE MOUNT SUPERmini SILICON NPN DARLINGTON TRANSISTOR 1 2 Central Semiconductor Corp
CP235Power Transistor NPN - Silicon Power Transistor Chip 1 2 Central Semiconductor Corp
CZTA44NPN SILICON EXTREMELY HIGH VOLTAGE TRANSISTOR 1 2 Central Semiconductor Corp
CXT491ESURFACE MOUNT NPN SILICON TRANSISTOR 1 2 Central Semiconductor Corp
CZT3090LSURFACE MOUNT LOW VCE SAT NPN SILICON POWER TRANSISTOR 1 2 Central Semiconductor Corp
BD157Plastic Medium Power NPN Silicon Transistor 1 2 3 4 Motorola, Inc
CD9581NPN SILICON EPITAXIAL TRANSISTOR 1 2 3 Continental Device India Limited
CSC1047NPN SILICON PLANAR EPITAXIAL TRANSISTOR 1 2 3 Continental Device India Limited
CSD1833NPN SILICON EPITAXIAL POWER TRANSISTOR 1 2 3 Continental Device India Limited