Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS820E32Q-117 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

No. de pieza GS820E32Q-117
Descripción Electrónicos  2M Synchronous Burst SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

GS820E32Q-117 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button GS820E32Q-117 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS820E32Q-117 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS820E32Q-117 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS820E32Q-117 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS820E32Q-117 Datasheet HTML 9Page - List of Unclassifed Manufacturers GS820E32Q-117 Datasheet HTML 10Page - List of Unclassifed Manufacturers GS820E32Q-117 Datasheet HTML 11Page - List of Unclassifed Manufacturers GS820E32Q-117 Datasheet HTML 12Page - List of Unclassifed Manufacturers GS820E32Q-117 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Rev: 1.03 2/2000
9/23
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
D
GS820E32T/Q-150/138/133/117/100/66
Note:
Permanent damage to the device may occur if the Absolute Maximum Ratings are exceeded. Operation should be restricted to Recommended
Operating Conditions. Exposure to conditions exceeding the Absolute Maximum Ratings, for an extended period of time, may affect reliability of
this component.
Note:
1. Unless otherwise noted, all performance specifications quoted are evaluated for worst case at both 2.75V
≤ VDDQ ≤ 2.375V (i.e. 2.5V I/O)
and 3.6V
≤ VDDQ ≤ 3.135V (i.e. 3.3V I/O) and quoted at whichever condition is worst case.
2. This device features input buffers compatible with both 3.3V and 2.5V I/O drivers.
3. Most speed grades and configurations of this device are offered in both Commercial and Industrial Temperature ranges. The part number of
Industrial Temperature Range versions end the character “I”. Unless otherwise noted, all performance specifications quoted are evaluated
for worst case in the temperature range marked on the device.
4. Input Under/overshoot voltage must be -2V > Vi < VDD+2V with a pulse width not to exceed 20% tKC.
Absolute Maximum Ratings
(All voltages reference to VSS)
Symbol
Description
Value
Unit
VDD
Voltage on VDD Pins
-0.5 to 4.6
V
VDDQ
Voltage in VDDQ Pins
-0.5 to VDD
V
VCK
Voltage on Clock Input Pin
-0.5 to 6
V
VI/O
Voltage on I/O Pins
-0.5 to VDDQ+0.5 (≤ 4.6 V max.)
V
VIN
Voltage on Other Input Pins
-0.5 to VDD+0.5 (≤ 4.6 V max.)
V
IIN
Input Current on Any Pin
+/- 20
mA
IOUT
Output Current on Any I/O Pin
+/- 20
mA
PD
Package Power Dissipation
1.5
W
TSTG
Storage Temperature
-55 to 125
oC
TBIAS
Temperature Under Bias
-55 to 125
oC
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
Supply Voltage
VDD
3.135
3.3
3.6
V
I/O Supply Voltage
VDDQ
2.375
2.5
VDD
V
1
Input High Voltage
VIH
1.7
---
VDD+0.3
V
2
Input Low Voltage
VIL
-0.3
---
0.8
V
2
Ambient Temperature (Commercial Range Versions)
TA
0
25
70
°C
3
Ambient Temperature (Industrial Range Versions)
TA
-40
25
85
°C
3


Número de pieza similar - GS820E32Q-117

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS820E32AGT-133 GSI-GS820E32AGT-133 Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AGT-133I GSI-GS820E32AGT-133I Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AGT-166 GSI-GS820E32AGT-166 Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AGT-166I GSI-GS820E32AGT-166I Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AGT-180 GSI-GS820E32AGT-180 Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
More results

Descripción similar - GS820E32Q-117

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
GS82032T ETC1-GS82032T Datasheet
760Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
GSI Technology
GS820H32AT GSI-GS820H32AT Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32T GSI-GS820H32T Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
Alliance Semiconductor ...
AS7C332MPFD18A ALSC-AS7C332MPFD18A Datasheet
508Kb / 19P
   3.3V 2M x 18 pipelined burst synchronous SRAM
AS7C252MPFS18A ALSC-AS7C252MPFS18A Datasheet
507Kb / 18P
   2.5V 2M x 18 pipelined burst synchronous SRAM
AS7C332MPFS18A ALSC-AS7C332MPFS18A Datasheet
508Kb / 19P
   3.3V 2M x 18 pipelined burst synchronous SRAM
AS7C252MPFD18A ALSC-AS7C252MPFD18A Datasheet
507Kb / 18P
   2.5V 2M x 18 pipelined burst synchronous SRAM
logo
White Electronic Design...
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
logo
Samsung semiconductor
K7B403625M SAMSUNG-K7B403625M Datasheet
439Kb / 16P
   128Kx36-Bit Synchronous Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com