Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM25183 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM25183
Descripción Electrónicos  LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM25183 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM25183 Datasheet HTML 21Page - Texas Instruments LM25183 Datasheet HTML 22Page - Texas Instruments LM25183 Datasheet HTML 23Page - Texas Instruments LM25183 Datasheet HTML 24Page - Texas Instruments LM25183 Datasheet HTML 25Page - Texas Instruments LM25183 Datasheet HTML 26Page - Texas Instruments LM25183 Datasheet HTML 27Page - Texas Instruments LM25183 Datasheet HTML 28Page - Texas Instruments LM25183 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
t
IN(max)
D2-REV
OUT2
PS2
V
42 V
V
V
15 V
79 V
N
1 1.5
t
IN(max)
D1-REV
OUT1
PS1
V
42 V
V
V
15 V
79 V
N
1 1.5
®
ª
º
ª
º
°¯
˜
˜
«
»
«
»
¬
¼
«
»
¬
¼
IN
SW-PEAK
OUT(max)
OUT
D
IN
IN
PS
IN
0.24 A at V
13.5 V
I
2.5 A
I
V
V
1
0.29 A at V
24 V
30 V
0.4 V
1
2
2
V
N
V
1 3
˜
˜
˜
˜
t
OUT
D
PS
OFF-MIN
MAG
SW-PEAK(FFM)
V
V
N
t
15 V + 0.3 V 1 1.5 375ns
L
7.7 +
I
0.5 A
˜
˜
IN(min)
MAX
PS
MAX
OUT
D
V
D
0.7
4.5 V
N
0.69
1 D
V
V
1 0.7 15 V + 0.3 V
25
LM25183
www.ti.com
SNVSBJ3 – APRIL 2020
Product Folder Links: LM25183
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Table 5. List of Components for Design 2
REF DES
QTY
SPECIFICATION
VENDOR
PART NUMBER
CIN
1
10 µF, 50 V, X7R, 1210, ceramic
TDK
C3225X7R1H106M250AC
Taiyo Yuden
UMK325AB7106KM-T
COUT1, COUT2 4
22 µF, 25 V, X7R, 1210, ceramic
TDK
C3225X7R1E226M250AB
Taiyo Yuden
TMK325B7226MM-PR
DCLAMP
1
Zener, 20 V, 3 W, SMA
3SMAJ5932B
Micro Commercial
DF
1
Schottky diode, 60 V, 3 A, SOD-123FL
FSV360FP
OnSemi
DFLY1, DFLY2
2
Schottky diode, 100 V, 1 A, POWERDI123
DFLS1100-7
Diodes Inc.
DOUT1, DOUT2 2
Zener, 18 V, 5%, SOD-523
BZX585-C18
Nexperia
RFB
1
102 kΩ, 1%, 0402
Std
Std
RSET
1
12.1 kΩ, 1%, 0402
Std
Std
RTC
1
221 kΩ, 1%, 0402
Std
Std
T1
1
9 µH, 3 A, 1 : 1.5 : 1.5, 13 mm × 11 mm × 10 mm
Coilcraft
ZB1056-AE
U1
1
LM25183 PSR flyback converter, VSON-8
Texas Instruments
LM25183NGUR
8.2.3.2 Detailed Design Procedure
Using the LM25183 quick-start calculator, components are selected based on the flyback converter
specifications.
8.2.3.2.1
Flyback Transformer – T1
Choose a primary-secondary turns ratio for a 15-V output based on an approximate 70% max duty cycle at
minimum input voltage using Equation 33. The transformer turns ratio when considering both outputs is thus
specified as 1 : 1.5 : 1.5.
(33)
Select a magnetizing inductance based on the minimum off-time constraint using Equation 34. Choose a value of
9 µH and a saturation current of 3 A for this application.
(34)
Find the maximum output current for a given turns ratio, assuming the outputs are symmetrically loaded, using
Equation 35.
(35)
8.2.3.2.2
Flyback Diodes – DFLY1 and DFLY2
The flyback diode reverse voltages for the positive and negative outputs are given respectively by Equation 36
and Equation 37.
(36)
(37)


Número de pieza similar - LM25183

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM25183 TI1-LM25183 Datasheet
1Mb / 39P
[Old version datasheet]   LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
LM25183 TI1-LM25183 Datasheet
1Mb / 39P
[Old version datasheet]   LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
LM25183-Q1 TI1-LM25183-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
More results

Descripción similar - LM25183

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM25183 TI1-LM25183_V02 Datasheet
1Mb / 39P
[Old version datasheet]   LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
LM25183 TI1-LM25183_V01 Datasheet
1Mb / 39P
[Old version datasheet]   LM25183 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated Power MOSFET
LM25183-Q1 TI1-LM25183-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25183-Q1 TI1-LM25183-Q1_V01 Datasheet
1Mb / 40P
[Old version datasheet]   LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
LM25180-Q1 TI1-LM25180-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   42-VIN PSR Flyback DC/DC Converter With 65-V, 1.5-A Integrated MOSFET
LM25180 TI1-LM25180 Datasheet
1Mb / 37P
[Old version datasheet]   42-VIN PSR Flyback DC/DC Converter With 65-V, 1.5-A Integrated Power MOSFET
LM25184 TI1-LM25184 Datasheet
1Mb / 37P
[Old version datasheet]   LM25184 42-VIN PSR Flyback DC/DC Converter with 65-V, 4.1-A Integrated Power MOSFET
LM25184-Q1 TI1-LM25184-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LM25184-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 4.1-A Integrated MOSFET
LM5181 TI1-LM5181 Datasheet
1Mb / 33P
[Old version datasheet]   LM5181 65-VIN PSR Flyback DC/DC Converter with 100-V, 0.75-A Integrated MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com