Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MSP430F2619 Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
No. de pieza MSP430F2619
Descripción Electrónicos  MSP430F261x, MSP430F241x Mixed-Signal Microcontrollers
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F2619 Datasheet(HTML) 86 Page - Texas Instruments

Back Button MSP430F2619 Datasheet HTML 82Page - Texas Instruments MSP430F2619 Datasheet HTML 83Page - Texas Instruments MSP430F2619 Datasheet HTML 84Page - Texas Instruments MSP430F2619 Datasheet HTML 85Page - Texas Instruments MSP430F2619 Datasheet HTML 86Page - Texas Instruments MSP430F2619 Datasheet HTML 87Page - Texas Instruments MSP430F2619 Datasheet HTML 88Page - Texas Instruments MSP430F2619 Datasheet HTML 89Page - Texas Instruments MSP430F2619 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 120 page
background image
Direction
0: Input
1: Output
P6SEL.x
P6DIR.x
P6IN.x
D
EN
Module X IN
Module X OUT
P6OUT.x
P6.0/A0
P6.1/A1
P6.2/A2
P6.3/A3
P6.4/A4
DVSS
DVCC
Pad Logic
1
1
0
1
0
1
0
Bus
Keeper
EN
ADC12 Ax
P6REN.x
86
MSP430F2619, MSP430F2618, MSP430F2617, MSP430F2616
MSP430F2419, MSP430F2418, MSP430F2417, MSP430F2416
SLAS541L – JUNE 2007 – REVISED MAY 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F2619 MSP430F2618 MSP430F2617 MSP430F2616 MSP430F2419 MSP430F2418
MSP430F2417 MSP430F2416
Detailed Description
Copyright © 2007–2020, Texas Instruments Incorporated
Table 6-20. Port P5 (P5.0 to P5.7) Pin Functions (continued)
PIN NAME (P5.x)
x
FUNCTION
CONTROL BITS OR SIGNALS(1)
P5DIR.x
P5SEL.x
(4)
If the I2C functionality is selected, the output drives only the logical 0 to VSS level.
P5.1/UCB1SIMO/
UCB1SDA
1
P5.1 (I/O)
0 = Input
1 = Output
0
UCB1SIMO/UCB1SDA(2)(4)
X
1
P5.2/UCB1SOMI/
UCB1SCL
2
P5.2 (I/O)
0 = Input
1 = Output
0
UCB1SOMI/UCB1SCL (2)(4)
X
1
P5.3/UCB1CLK/
UCA1STE
3
P5.3 (I/O)
0 = Input
1 = Output
0
UCB1CLK/UCA1STE(2)
X
1
P5.4/MCLK
4
P5.0 (I/O)
0 = Input
1 = Output
0
MCLK
1
1
P5.5/SMCLK
5
P5.1 (I/O)
0 = Input
1 = Output
0
SMCLK
1
1
P5.6/ACLK
6
P5.2 (I/O)
0 = Input
1 = Output
0
ACLK
1
1
P5.7/TBOUTH/SVSOUT
7
P5.7 (I/O)
0 = Input
1 = Output
0
TBOUTH
0
1
SVSOUT
1
1
6.10.7 Port P6 (P6.0 to P6.4), Input/Output With Schmitt Trigger
Figure 6-12 shows the port diagram. Table 6-21 summarizes the selection of the pin function.
Figure 6-12. Port P6 (P6.0 to P6.4) Diagram


Número de pieza similar - MSP430F2619

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
MSP430F2619 TI1-MSP430F2619 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F2619S-HT TI-MSP430F2619S-HT Datasheet
1Mb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2619S-HT TI1-MSP430F2619S-HT Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F2619S-HT TI1-MSP430F2619S-HT Datasheet
1Mb / 93P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2619S-HT TI1-MSP430F2619S-HT Datasheet
1Mb / 99P
[Old version datasheet]   Mixed-Signal Microcontroller
More results

Descripción similar - MSP430F2619

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com