Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

THS6222 Datasheet(PDF) 28 Page - Texas Instruments

No. de pieza THS6222
Descripción Electrónicos  THS6222 8 V to 32 V, Differential Broadband HPLC Line Driver With Common-mode Buffer
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

THS6222 Datasheet(HTML) 28 Page - Texas Instruments

Back Button THS6222_V01 Datasheet HTML 24Page - Texas Instruments THS6222_V01 Datasheet HTML 25Page - Texas Instruments THS6222_V01 Datasheet HTML 26Page - Texas Instruments THS6222_V01 Datasheet HTML 27Page - Texas Instruments THS6222_V01 Datasheet HTML 28Page - Texas Instruments THS6222_V01 Datasheet HTML 29Page - Texas Instruments THS6222_V01 Datasheet HTML 30Page - Texas Instruments THS6222_V01 Datasheet HTML 31Page - Texas Instruments THS6222_V01 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Frequency (MHz)
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
-120
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
D030
Band0
Band1
Band2
Band3
28
THS6222
SBOS974B – AUGUST 2019 – REVISED APRIL 2020
www.ti.com
Product Folder Links: THS6222
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
8.2.1.3 Application Curve
Figure 66 shows the out-of-band suppression measurement results of the circuit in Figure 66. Out-of-band
suppression is a good indicator of the linearity performance of the device. The results in Figure 66 show over 40
dB of out-of-band suppression, which is well beyond the 35 dB requirement and indicative of the excellent
linearity performance of the THS6222.
Figure 66. Out-of-Band Suppression
8.3 What to Do and What Not to Do
8.3.1 Do
Include a thermal design at the beginning of the project.
Use well-terminated transmission lines for all signals.
Use solid metal layers for the power supplies.
Keep signal lines as straight as possible.
Keep the traces carrying differential signals of the same length.
8.3.2 Do Not
Do not use a lower supply voltage than necessary.
Do not use thin metal traces to supply power.
Do not treat the D1 and D2 amplifiers as independent single-ended amplifiers.
9 Power Supply Recommendations
The THS6222 supports single-supply and split-supply power supplies, and balanced and unbalanced bipolar
supplies. The device has a wide supply range of 8 V (–3 V to +5 V) to 32 V (±16 V). Choose power-supply
voltages that allow for adequate swing on both the inputs and outputs of the amplifier to prevent affecting device
performance. Operating from a single supply can have numerous advantages. With the negative supply at
ground, the errors resulting from the –PSRR term can be minimized. The DGND pin provides the ground
reference for the bias control pins. For applications that use split bipolar supplies, care must be taken to design
within the DGND voltage specifications and must be within VS– to (VS+ – 5 V); the DGND pin must be a minimum
bias of 5 V. Thus, the minimum positive supply that can be used in split-supply applications is VS+ = 5 V. The
negative supply, VS–, can then be set to a voltage anywhere in between –3 V and –27 V, as per the
Recommended Operating Conditions specifications.


Número de pieza similar - THS6222_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
THS6222-V01 TI1-THS6222-V01 Datasheet
2Mb / 33P
[Old version datasheet]   THS6222 8-V to 32-V, Differential Broadband HPLC Line Driver With Common-Mode Buffer
More results

Descripción similar - THS6222_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
THS6222 TI1-THS6222 Datasheet
547Kb / 20P
[Old version datasheet]   THS6222 8-V to 32-V, Differential Broadband HPLC Line Driver With Common-Mode Buffer
THS6222-V01 TI1-THS6222-V01 Datasheet
2Mb / 33P
[Old version datasheet]   THS6222 8-V to 32-V, Differential Broadband HPLC Line Driver With Common-Mode Buffer
THS6222 TI-THS6222_V02 Datasheet
3Mb / 46P
[Old version datasheet]   THS6222 8 V to 32 V, Differential HPLC Line Driver with Common-Mode Buffer
THS6212 TI1-THS6212_18 Datasheet
1Mb / 51P
[Old version datasheet]   Differential Broadband PLC Line Driver Amplifier
logo
ON Semiconductor
MC10EP116 ONSEMI-MC10EP116_06 Datasheet
173Kb / 11P
   3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
logo
NXP Semiconductors
74LVCH32244A PHILIPS-74LVCH32244A_15 Datasheet
163Kb / 14P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 3-16 December 2011
74LVC32244A PHILIPS-74LVC32244A Datasheet
76Kb / 16P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
1999 Aug 31
logo
ON Semiconductor
MC100LVE310 ONSEMI-MC100LVE310_16 Datasheet
158Kb / 7P
   3.3 V ECL 2:8 Differential Fanout Buffer
July, 2016 ??Rev. 6
logo
Analog Devices
AD8134 AD-AD8134 Datasheet
458Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
REV. A
AD8134 AD-AD8134_16 Datasheet
443Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com