Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SSP05XDSE10A Datasheet(PDF) 1 Page - Schneider Electric

No. de pieza SSP05XDSE10A
Descripción Electrónicos  SPD - XDSE Type 2 - 480V Delta - 3PH - 3 Wire - 100kA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHNEIDER [Schneider Electric]
Página de inicio  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

SSP05XDSE10A Datasheet(HTML) 1 Page - Schneider Electric

  SSP05XDSE10A Datasheet HTML 1Page - Schneider Electric SSP05XDSE10A Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
SSP05XDSE10A
SPD - XDSE Type 2 - 480V Delta - 3PH - 3 Wire -
100kA
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 3,200.00 USD
Main
Product
Surge protection device
Complementary
Surge Current
100 A per phase
Voltage Rating
480 V delta AC
Number of Phases
3 phase
Wiring Configuration
3-wire (isolated ground)
MCOV
552 V
Rated Current
20 kA
Input voltage
1800 V L - G
2000 V N - G
Height
5.98 in (152 mm)
Width
5.98 in (152 mm)
Depth
3.98 in (101 mm)
Environment
Enclosure Rating
NEMA 4X
Ordering and shipping details
Category
08466 - SURGE PROTECTION HWA
Discount Schedule
DE1B
Returnability
No
Apr 16, 2020
1


Número de pieza similar - SSP05XDSE10A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schneider Electric
SSP05XDSE10A1 SCHNEIDER-SSP05XDSE10A1 Datasheet
135Kb / 2P
   SPD - XDSE Type 1 - 480V Delta - 3PH - 3 Wire - 100kA
More results

Descripción similar - SSP05XDSE10A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schneider Electric
SSP05XDSE10A1 SCHNEIDER-SSP05XDSE10A1 Datasheet
135Kb / 2P
   SPD - XDSE Type 1 - 480V Delta - 3PH - 3 Wire - 100kA
SSP05XDSE20A SCHNEIDER-SSP05XDSE20A Datasheet
135Kb / 2P
   SPD - XDSE Type 2 - 480V Delta - 3PH - 3 Wire - 200kA
SSP09XDSE10A SCHNEIDER-SSP09XDSE10A Datasheet
135Kb / 2P
   SPD - XDSE Type 2 - 600V Delta - 3PH - 3 Wire - 100kA
SSP05XDSE15A SCHNEIDER-SSP05XDSE15A Datasheet
135Kb / 2P
   SPD - XDSE Type 2 - 480V Delta - 3PH - 3 Wire - 150kA
SSP06XDSE10A SCHNEIDER-SSP06XDSE10A Datasheet
135Kb / 2P
   SPD - XDSE Type 2 - 240V Delta - 3PH - 3 Wire - 100kA
SSP09XDSE10A1 SCHNEIDER-SSP09XDSE10A1 Datasheet
135Kb / 2P
   SPD - XDSE Type 1 - 600V Delta - 3PH - 3 Wire - 100kA
SSP05XDSE20A1 SCHNEIDER-SSP05XDSE20A1 Datasheet
135Kb / 2P
   SPD - XDSE Type 1 - 480V Delta - 3PH - 3 Wire - 200kA
SSP06XDSE10A1 SCHNEIDER-SSP06XDSE10A1 Datasheet
135Kb / 2P
   SPD - XDSE Type 1 - 240V Delta - 3PH - 3 Wire - 100kA
SSP05XDSE15A1 SCHNEIDER-SSP05XDSE15A1 Datasheet
135Kb / 2P
   SPD - XDSE Type 1 - 480V Delta - 3PH - 3 Wire - 150kA
SSP06XDSE15A SCHNEIDER-SSP06XDSE15A Datasheet
135Kb / 2P
   SPD - XDSE Type 2 - 240V Delta - 3PH - 3 Wire - 150kA
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com