Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STD60NH03LT4 Datasheet(PDF) 11 Page - STMicroelectronics

No. de pieza STD60NH03LT4
Descripción Electrónicos  N-CHANNEL 30V - 0.0075 W - 60A DPAK/IPAK STripFET III POWER MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD60NH03LT4 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STD60NH03LT4 Datasheet HTML 4Page - STMicroelectronics STD60NH03LT4 Datasheet HTML 5Page - STMicroelectronics STD60NH03LT4 Datasheet HTML 6Page - STMicroelectronics STD60NH03LT4 Datasheet HTML 7Page - STMicroelectronics STD60NH03LT4 Datasheet HTML 8Page - STMicroelectronics STD60NH03LT4 Datasheet HTML 9Page - STMicroelectronics STD60NH03LT4 Datasheet HTML 10Page - STMicroelectronics STD60NH03LT4 Datasheet HTML 11Page - STMicroelectronics STD60NH03LT4 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11/12
STD60NH03L
High Side Switch (SW1)
Low Side Switch (SW2)
conduction
P
d
*
I
*
R
2
L
DS(on)SW1
)
1
(
*
I
*
R
2
L
DS(on)SW2
d
switching
P
g
L
I
I
*
f
*
)
Q
(Q
*
V
gd(SW1)
gsth(SW1)
in
+
Zero Voltage Switching
Recovery
Not Applicable
1
f
*
Q
*
V
rr(SW2)
in
diode
P
Conduction
Not Applicable
f
*
t
*
I
*
V
deadtime
L
f(SW2)
)
gate(Q
G
P
f
*
V
*
Q
gg
g(SW1)
f
*
V
*
Q
gg
gls(SW2)
Qoss
P
2
f
*
Q
*
V
oss(SW1)
in
2
f
*
Q
*
V
oss(SW2)
in
Parameter
Meaning
d
Duty-cycle
Qgsth
Post threshold gate charge
Qgls
Third quadrant gate charge
Pconduction
On state losses
Pswitching
On-off transition losses
Pdiode
Conduction and reverse recovery diode losses
Pgate
Gate drive losses
Qoss
P
Output capacitance losses
1 Dissipated by SW1 during turn-on


Número de pieza similar - STD60NH03LT4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STD60NH03LT4 STMICROELECTRONICS-STD60NH03LT4 Datasheet
503Kb / 16P
   N-channel 30V - 0.0075ohm - 60A - DPAK/IPAK STripFET TM III Power MOSFET
More results

Descripción similar - STD60NH03LT4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STD60NH03L STMICROELECTRONICS-STD60NH03L_06 Datasheet
503Kb / 16P
   N-channel 30V - 0.0075ohm - 60A - DPAK/IPAK STripFET TM III Power MOSFET
STD100NH03L STMICROELECTRONICS-STD100NH03L Datasheet
513Kb / 8P
   N-CHANNEL 30V - 0.005 W - 60A DPAK STripFET??III POWER MOSFET
logo
Texas Instruments
STD60NF3LL TI-STD60NF3LL_06 Datasheet
404Kb / 13P
[Old version datasheet]   N-channel 30V - 0.0075廓 - 60A - DPAK STripFET??II Power MOSFET
logo
STMicroelectronics
STD90N02L STMICROELECTRONICS-STD90N02L_07 Datasheet
365Kb / 17P
   N-channel 25V - 0.0052廓 - 60A - DPAK - IPAK STripFET??III Power MOSFET
STD90N02L STMICROELECTRONICS-STD90N02L Datasheet
805Kb / 17P
   N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD70N02L STMICROELECTRONICS-STD70N02L Datasheet
817Kb / 17P
   N-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD90NH02L STMICROELECTRONICS-STD90NH02L Datasheet
510Kb / 12P
   N-CHANNEL 24V - 0.0052 ohm - 60A DPAK/IPAK STripFET??III POWER MOSFET
STD70N02L STMICROELECTRONICS-STD70N02L_07 Datasheet
376Kb / 17P
   N-channel 25V - 0.0068廓 - 60A - DPAK - IPAK STripFET??III Power MOSFET
STD100NH03L STMICROELECTRONICS-STD100NH03L_06 Datasheet
472Kb / 15P
   N-channel 30V - 0.005ohm - 60A - DPAK STripFET TM III Power MOSFET
STD90N03L STMICROELECTRONICS-STD90N03L Datasheet
314Kb / 16P
   N-channel 30V - 0.005廓 - 80A - DPAK/IPAK STripFET??III Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com