Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA100P80-1TI Datasheet(PDF) 2 Page - Littelfuse

No. de pieza LA100P80-1TI
Descripción Electrónicos  LA100P Semiconductor Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LA100P80-1TI Datasheet(HTML) 2 Page - Littelfuse

  LA100P80-1TI Datasheet HTML 1Page - Littelfuse LA100P80-1TI Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
200
LA100P200-4
4
72
36
200
LA100P200-4TI
4TI
72
36
225
LA100P225-4
4
91
40
250
LA100P250-4
4
110
46
300
LA100P300-4
4
160
55
300
LA100P300-4TI
4TI
160
55
350
LA100P350-4
4
220
65
350
LA100P350-4TI
4TI
220
65
400
LA100P400-4
4
290
70
400
LA100P400-4TI
4TI
290
70
500
LA100P500-4
4
450
90
500
LA100P500-4TI
4TI
450
90
600
LA100P600-4
4
650
110
600
LA100P600-4TI
4TI
650
110
650
LA100P650-4
4
780
120
700
LA100P700-4
4
880
125
800
LA100P800-4
4
1200
140
800
LA100P800-4TI
4TI
1200
140
1000
LA100P1000-4
4
1900
190
98
15
LA100P15-1
1
0.6
3.4
20
LA100P20-1
1
0.8
5.9
25
LA100P25-1
1
1,3
9
30
LA100P30-1
1
1.5
12.8
35
LA100P35-4
4
2.2
7.3
40
LA100P40-4
4
2.9
8.3
50
LA100P50-4
4
4.5
11
50
LA100QP50-4TI
4TI
4.5
11
60
LA100P60-4
4
6.5
13
60
LA100P60-4TI
4TI
6.5
13
70
LA100P70-4TI
4TI
8.8
13
80
LA100P80-4
4
12
14
80
LA100P80-4TI
4TI
12
14
100
LA100P100-4
4
18
18
100
LA100P100-4TI
4TI
18
18
125
LA100P125-4
4
28
23
125
LA100P125-4TI
4TI
28
23
150
LA100P150-4
4
41
28
150
LA100P150-4TI
4TI
41
28
LA100P Semiconductor Fuses
1000 VAC I Very Fast-Acting I 15 – 1000 Amperes
Ampere
Rating
Littelfuse
Catalog
Number
Catalog Numbers & Technical Data
Mounting
Type
Maximum
Clearing I2t
@1000 VAC
(A
2
S x 10
3
)
Watts Loss
@ Rated
Current (W)
Ampere
Rating
Littelfuse
Catalog
Number
Mounting
Type
Maximum
Clearing I2t
@1000 VAC
(A
2
S x 10
3
)
Watts Loss
@ Rated
Current (W)
15 – 30
1
1
2.53
0.56
-
-
-
-
-
-
-
(66.8)
(14.2)
-
-
-
-
-
-
-
35 – 60
4, 4TI
2
5.00
1.00
3.50
4.31
4.19
0.31
0.75
0.13
-
(127)
(25.4)
(173)
(109)
(106)
(7.9)
(19.1)
(3.3)
-
65 – 100
4, 4TI
2
5.00
1.22
3.50
4.31
4.19
0.31
1.00
0.19
-
(127)
(31)
(173)
(109)
(106)
(7.9)
(25.4)
(4.8)
-
125 – 200
4, 4TI
2
5.72
2.00
3.47
4.78
4.16
0.41
1.00
0.25
-
(145)
(38.1)
(88.1)
(121)
(106)
(10.4)
(25.4)
(6.4)
-
225 – 400
4, 4TI
2
5.72
2.00
3.47
4.78
4.16
0.41
1.50
0.25
-
(145)
(50.8)
(88.1)
(121)
(106)
(10.4)
(25.4)
(6.4)
-
500 – 600
4, 4TI
2
7.72
2.50
3.47
5.88
5.56
0.53
2.00
0.38
-
(196)
(63.5)
(88.1)
(149)
(147)
(13.5)
(50.8)
(9.7)
-
650 – 800
4, 4TI
3
7.44
2.88
3.94
5.94
-
0.63
2.00
0.38
0.31
(189)
(73.2)
(100)
(151)
-
(16)
(50.8)
(9.7)
(7.9)
1000
4
4
8.22
3.50
4.47
6.59
5.84
0.63
2.75
0.50
1.38
(209)
(88.9)
(114)
(167)
(148)
(16)
(69.9)
(12.7)
(35.1)
AMPERES
MOUNT.
TYPE
DIMENSIONS
Dimensions for reference only.
FIG.
NO.
DIMENSIONS IN INCHES (mm in parentheses)
A
BCD
E
F
G
H
J
Contact Littelfuse for characteristic curves.
FIGURE 1
FIGURE 2
FIGURE 3
FIGURE 4


Número de pieza similar - LA100P80-1TI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
LA100P80-4 LITTELFUSE-LA100P80-4 Datasheet
102Kb / 2P
   Special Purpose Fuses
LA100P80-4TI LITTELFUSE-LA100P80-4TI Datasheet
102Kb / 2P
   Special Purpose Fuses
More results

Descripción similar - LA100P80-1TI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
LSCR LITTELFUSE-LSCR Datasheet
310Kb / 4P
   Semiconductor Fuses
LA50QS250-4TI LITTELFUSE-LA50QS250-4TI Datasheet
375Kb / 2P
   LA50QS Semiconductor Fuses
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
logo
Littelfuse
LA15QS400-4TI LITTELFUSE-LA15QS400-4TI Datasheet
393Kb / 2P
   LA15QS Semiconductor Fuses
logo
List of Unclassifed Man...
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
logo
Littelfuse
LA15QS3004TI LITTELFUSE-LA15QS3004TI Datasheet
113Kb / 2P
   LA15QS Semiconductor Fuses
2005
LA70QS150-4 LITTELFUSE-LA70QS150-4 Datasheet
375Kb / 2P
   LA70QS Semiconductor Fuses
logo
List of Unclassifed Man...
A50P ETC2-A50P Datasheet
226Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com