Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA3100D2 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA3100D2
Descripción Electrónicos  20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA3100D2 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA3100D2 Datasheet HTML 4Page - Texas Instruments TPA3100D2 Datasheet HTML 5Page - Texas Instruments TPA3100D2 Datasheet HTML 6Page - Texas Instruments TPA3100D2 Datasheet HTML 7Page - Texas Instruments TPA3100D2 Datasheet HTML 8Page - Texas Instruments TPA3100D2 Datasheet HTML 9Page - Texas Instruments TPA3100D2 Datasheet HTML 10Page - Texas Instruments TPA3100D2 Datasheet HTML 11Page - Texas Instruments TPA3100D2 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
www.ti.com
f
− Frequency − Hz
20
VCC = 12 V
RL = 8 Ω
Gain = 20 dB
100
1k
10k
0.005
0.1
10
20k
1
0.01
PO = 0.5 W
PO = 2.5 W
PO = 5 W
0.005
0.1
10
1
0.01
f
− Frequency − Hz
20
VCC = 18 V
RL = 8 Ω
Gain = 20 dB
100
1k
10k
20k
PO = 0.5 W
PO = 5 W
PO = 2.5 W
0.005
0.1
10
1
0.01
f
− Frequency − Hz
20
VCC = 24 V
RL = 8 Ω
Gain = 20 dB
100
1k
10k
20k
PO = 1 W
PO = 10 W
PO = 5 W
0.005
0.1
10
1
0.01
f
− Frequency − Hz
20
VCC = 12 V
RL = 4 Ω
Gain = 20 dB
100
1k
10k
20k
PO = 10 W
PO = 5 W
PO = 1 W
TPA3100D2
SLOS469B – OCTOBER 2005 – REVISED OCTOBER 2005
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 1.
Figure 2.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 3.
Figure 4.
8


Número de pieza similar - TPA3100D2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3100D2 TI-TPA3100D2 Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI1-TPA3100D2 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI-TPA3100D2-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Descripción similar - TPA3100D2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3100D2 TI1-TPA3100D2_17 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2123 EUTECH-EUA2123 Datasheet
167Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI-TPA3100D2-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI-TPA3100D2_07 Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2100 EUTECH-EUA2100 Datasheet
172Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com