Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74VHC1G01DFT1G Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC74VHC1G01DFT1G
Descripción Electrónicos  2-Input NAND Gate with Open Drain Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G01DFT1G Datasheet(HTML) 1 Page - ON Semiconductor

  MC74VHC1G01DFT1G Datasheet HTML 1Page - ON Semiconductor MC74VHC1G01DFT1G Datasheet HTML 2Page - ON Semiconductor MC74VHC1G01DFT1G Datasheet HTML 3Page - ON Semiconductor MC74VHC1G01DFT1G Datasheet HTML 4Page - ON Semiconductor MC74VHC1G01DFT1G Datasheet HTML 5Page - ON Semiconductor MC74VHC1G01DFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
June, 2005 − Rev. 14
1
Publication Order Number:
MC74VHC1G01/D
MC74VHC1G01
Single 2−Input NAND Gate
with Open Drain Output
The MC74VHC1G01 is an advanced high speed CMOS 2−input
NAND gate with an open drain output fabricated with silicon gate
CMOS technology.
The internal circuit is composed of multiple stages, including an
open drain output which provides the ability to set output switching
level. This allows the MC74VHC1G01 to be used to interface 5.0 V
circuits to circuits of any voltage between VCC and 7.0 V using an
external resistor and power supply.
The MC74VHC1G01 input structure provides protection when
voltages up to 7.0 V are applied, regardless of the supply voltage.
Features
High Speed: tPD = 3.7 ns (Typ) at VCC = 5.0 V
Low Internal Power Dissipation: ICC = 1 mA (Max) at TA = 25°C
Power Down Protection Provided on Inputs
Pin and Function Compatible with Other Standard Logic Families
Chip Complexity: FETs = 62
Pb−Free Packages are Available
5
1
2
4
3
VCC
IN B
IN A
OUT Y
GND
IN A
IN B
OUT Y
&
OVT
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
http://onsemi.com
MARKING
DIAGRAMS
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
M
= Date Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
V0 M
G
G
SC−88A / SOT−353 / SC−70
DF SUFFIX
CASE 419A
TSOP−5 / SOT−23 / SC−59
DT SUFFIX
CASE 483
V0AYW
G
L
L
H
H
L
H
L
H
FUNCTION TABLE
Inputs
Output
AB
Z
Z
Z
L
Y
PIN ASSIGNMENT
1
2
3
GND
IN B
IN A
4
5VCC
OUT Y


Número de pieza similar - MC74VHC1G01DFT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74VHC1G01DFT1G ONSEMI-MC74VHC1G01DFT1G Datasheet
84Kb / 6P
   Single 2-Input NAND Gate with Open Drain Output
December, 2016 ??Rev. 16
MC74VHC1G01DFT1G ONSEMI-MC74VHC1G01DFT1G Datasheet
206Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 17
MC74VHC1G01DFT1G ONSEMI-MC74VHC1G01DFT1G Datasheet
172Kb / 14P
   Single 2-Input NAND Gate with Open Drain Output
April, 2022 ??Rev. 20
MC74VHC1G01DFT1G-L22038 ONSEMI-MC74VHC1G01DFT1G-L22038 Datasheet
172Kb / 14P
   Single 2-Input NAND Gate with Open Drain Output
April, 2022 ??Rev. 20
More results

Descripción similar - MC74VHC1G01DFT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
E-Tech Electronics LTD
MC74VHC1G01 ETL-MC74VHC1G01 Datasheet
579Kb / 4P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G03 ETL-MC74VHC1G03 Datasheet
607Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
List of Unclassifed Man...
MC74VHC1G03 ETC1-MC74VHC1G03 Datasheet
190Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
Leshan Radio Company
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G01 LRC-MC74VHC1G01 Datasheet
153Kb / 4P
   2-Input NAND Gate with Open Drain Output
L74VHC1G03 LRC-L74VHC1G03 Datasheet
207Kb / 6P
   2-Input NAND Gate with Open Drain Output
logo
Toshiba Semiconductor
TC7SZ38F TOSHIBA-TC7SZ38F Datasheet
188Kb / 7P
   2-Input NAND Gate(Open Drain Output)
logo
ON Semiconductor
NL17SZ38 ONSEMI-NL17SZ38 Datasheet
266Kb / 10P
   2-Input NAND Gate, Open Drain Output
December, 2019 ??Rev. 0
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_16 Datasheet
1Mb / 21P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_16 Datasheet
84Kb / 6P
   Single 2-Input NAND Gate with Open Drain Output
December, 2016 ??Rev. 16
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com