Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74VHC1G02DFT1 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza MC74VHC1G02DFT1
Descripción Electrónicos  SINGLE 2-INPUT NOR GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G02DFT1 Datasheet(HTML) 4 Page - ON Semiconductor

  MC74VHC1G02DFT1 Datasheet HTML 1Page - ON Semiconductor MC74VHC1G02DFT1 Datasheet HTML 2Page - ON Semiconductor MC74VHC1G02DFT1 Datasheet HTML 3Page - ON Semiconductor MC74VHC1G02DFT1 Datasheet HTML 4Page - ON Semiconductor MC74VHC1G02DFT1 Datasheet HTML 5Page - ON Semiconductor MC74VHC1G02DFT1 Datasheet HTML 6Page - ON Semiconductor MC74VHC1G02DFT1 Datasheet HTML 7Page - ON Semiconductor MC74VHC1G02DFT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74VHC1G02
http://onsemi.com
4
VCC
GND
50%
50% VCC
A or B
Y
tPHL
tPLH
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 2. Switching Waveforms
Figure 3. Test Circuit
DEVICE ORDERING INFORMATION
Device Nomenclature
Device Order Number
Circuit
Indicator
Temp
Range
Identifier
Technology
Device
Function
Package
Suffix
Tape &
Reel
Suffix
Package
Type
Tape and Reel
Size
MC74VHC1G02DFT1
MC
74
VHC1G
02
DF
T1
SC–88A /
SOT–353
7–Inch/3000 Unit
PACKAGE DIMENSIONS
SC–88A / SOT–353
DF SUFFIX
5–LEAD PACKAGE
CASE 419A–01
ISSUE B
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MM.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
1.80
2.20
0.071
0.087
INCHES
B
1.15
1.35
0.045
0.053
C
0.80
1.10
0.031
0.043
D
0.10
0.30
0.004
0.012
G
0.65 BSC
0.026 BSC
H
–––
0.10
–––
0.004
J
0.10
0.25
0.004
0.010
K
0.10
0.30
0.004
0.012
N
0.20 REF
0.008 REF
S
2.00
2.20
0.079
0.087
V
0.30
0.40
0.012
0.016
B
0.2 (0.008) MM
12
3
4
5
A
G
V
S
D 5 PL
H
C
N
J
K
–B–
0.5 mm (min)
1.9 mm


Número de pieza similar - MC74VHC1G02DFT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
E-Tech Electronics LTD
MC74VHC1G02DFT1 ETL-MC74VHC1G02DFT1 Datasheet
571Kb / 4P
   Schmitt-Trigger Inverter
logo
ON Semiconductor
MC74VHC1G02DFT1 ONSEMI-MC74VHC1G02DFT1 Datasheet
65Kb / 6P
   Single 2?묲nput NOR Gate
January, 2007 ??Rev. 17
MC74VHC1G02DFT1G ONSEMI-MC74VHC1G02DFT1G Datasheet
65Kb / 6P
   Single 2?묲nput NOR Gate
January, 2007 ??Rev. 17
MC74VHC1G02DFT1G ONSEMI-MC74VHC1G02DFT1G Datasheet
79Kb / 6P
   Single 2-Input NOR Gate
April, 2016 ??Rev. 18
MC74VHC1G02DFT1G ONSEMI-MC74VHC1G02DFT1G Datasheet
206Kb / 14P
   Single 2-Input NOR Gate
November, 2018 ??Rev. 19
More results

Descripción similar - MC74VHC1G02DFT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74LX1G02 STMICROELECTRONICS-74LX1G02 Datasheet
200Kb / 10P
   SINGLE 2-INPUT NOR GATE
logo
Rohm
BU4S01 ROHM-BU4S01 Datasheet
39Kb / 4P
   Single 2-input NOR gate
logo
ON Semiconductor
NL17SG02 ONSEMI-NL17SG02 Datasheet
93Kb / 9P
   Single 2-Input NOR Gate
November, 2014 ??Rev. 6
MC74VHC1G02 ONSEMI-MC74VHC1G02_V01 Datasheet
183Kb / 14P
   Single 2-Input NOR Gate
March, 2022 ??Rev. 22
logo
Nexperia B.V. All right...
74LVC1G02-Q100 NEXPERIA-74LVC1G02-Q100 Datasheet
204Kb / 11P
   Single 2-input NOR gate
logo
Unisonic Technologies
U74AUC1G02 UTC-U74AUC1G02_15 Datasheet
187Kb / 5P
   SINGLE 2-INPUT NOR GATE
logo
Rohm
BU4S01G2 ROHM-BU4S01G2_15 Datasheet
1Mb / 16P
   Single 2-Input NOR Gate
logo
ON Semiconductor
MC74HC1G02 ONSEMI-MC74HC1G02_18 Datasheet
171Kb / 9P
   Single 2-Input NOR Gate
November, 2018 ??Rev. 10
MC74HC1G02 ONSEMI-MC74HC1G02_V01 Datasheet
290Kb / 10P
   Single 2-Input NOR Gate
March, 2022?뭃ev. 12
logo
NXP Semiconductors
74LVC1G02 PHILIPS-74LVC1G02 Datasheet
85Kb / 14P
   Single 2-input NOR gate
2004 Sep 07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com