Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HA-5147883 Datasheet(PDF) 4 Page - Intersil Corporation

No. de pieza HA-5147883
Descripción Electrónicos  100MHz, Ultra Low Noise, Precision, High Slew Rate Operational Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5147883 Datasheet(HTML) 4 Page - Intersil Corporation

  HA-5147883 Datasheet HTML 1Page - Intersil Corporation HA-5147883 Datasheet HTML 2Page - Intersil Corporation HA-5147883 Datasheet HTML 3Page - Intersil Corporation HA-5147883 Datasheet HTML 4Page - Intersil Corporation HA-5147883 Datasheet HTML 5Page - Intersil Corporation HA-5147883 Datasheet HTML 6Page - Intersil Corporation HA-5147883 Datasheet HTML 7Page - Intersil Corporation HA-5147883 Datasheet HTML 8Page - Intersil Corporation HA-5147883 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Spec Number
511009-883
TABLE 3. ELECTRICAL PERFORMANCE SPECIFICATIONS
Device Characterized at: VSUPPLY = ±15V, RLOAD = 2kΩ, CLOAD = 50pF, AV = +10V/V, Unless Otherwise Specified.
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMP. (oC)
MIN
MAX
UNITS
Average Offset Voltage
Drift
VIOTC
VCM = 0V
4
-55 to 125
-
1.8
µV/oC
Differential Input
Resistance
RIN
VCM = 0V
4
25
0.8
-
M
Low Frequency
Peak-to-Peak Noise
ENP-P
0.1Hz to 10Hz
4
25
-
0.25
µVP-P
Input Noise Voltage
Density
EN
RS = 20Ω, fO = 10Hz
4
25
-
10
nV
/√Hz
RS = 20Ω, fO = 100Hz
4
25
-
5.6
nV
/√Hz
RS = 20Ω, fO = 1kHz
4
25
-
4.5
nV
/√Hz
Input Noise Current
Density
IN
RS = 2MΩ, fO = 10Hz
4
25
-
4.0
pA
/√Hz
RS = 2MΩ, fO = 100Hz
4
25
-
2.3
pA
/√Hz
RS = 2MΩ, fO = 1kHz
4
25
-
0.6
pA
/√Hz
Gain Bandwidth Product
GBWP
VO = 100mV, fO = 10kHz
4
25
120
-
MHz
VO = 100mV, fO = 1MHz
4
25
100
-
MHz
Full Power Bandwidth
FPBW
VPEAK = 10V
4, 5
25
445
-
kHz
Minimum Closed Loop
Stable Gain
CLSG
RL = 2kΩ, CL = 50pF
4
-55 to 125
±10
-
V/V
Settling Time
tS
To 0.1% for a 10V Step
4
25
-
600
µs
Output Resistance
ROUT
Open Loop
4
25
-
100
Quiescent Power
Consumption
PC
VOUT =0V, IOUT = 0mA
4, 6
-55 to 125
-
120
mW
NOTES:
4. Parameters listed in Table 3 are controlled via design or process parameters and are not directly tested at final production. These pa-
rameters are lab characterized upon initial design release, or upon design changes. These parameters are guaranteed by characteriza-
tion based upon data from multiple production runs which reflect lot to lot and within lot variation.
5. Full Power Bandwidth guarantee based on Slew Rate measurement using FPBW = Slew Rate/(2
πVPEAK).
6. Quiescent Power Consumption based upon Quiescent Supply Current test maximum. (No load on output.)
TABLE 4. ELECTRICAL TEST REQUIREMENTS
MIL-STD-883 TEST REQUIREMENTS
SUBGROUPS (SEE TABLES 1 AND 2)
Interim Electrical Parameters (Pre Burn-In)
1
Final Electrical Test Parameters
1 (Note 7), 2, 3, 4, 5, 6, 7
Group A Test Requirements
1, 2, 3, 4, 5, 6, 7
Groups C and D Endpoints
1
NOTE:
7. PDA applies to Subgroup 1 only.
HA-5147/883


Número de pieza similar - HA-5147883

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
HA-5147 INTERSIL-HA-5147 Datasheet
559Kb / 11P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
April 2000
HA-5147 INTERSIL-HA-5147 Datasheet
627Kb / 10P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
logo
Renesas Technology Corp
HA-5147 RENESAS-HA-5147 Datasheet
757Kb / 11P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
November 6, 2015
logo
Intersil Corporation
HA-5147 INTERSIL-HA-5147_06 Datasheet
627Kb / 10P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
More results

Descripción similar - HA-5147883

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
HA-2500883 INTERSIL-HA-2500883 Datasheet
193Kb / 7P
   Precision High Slew Rate Operational Amplifier
HA-5221 INTERSIL-HA-5221 Datasheet
700Kb / 12P
   100MHz, Low Noise, Precision Operational Amplifier
April 2000
logo
Renesas Technology Corp
HA-5221 RENESAS-HA-5221 Datasheet
1Mb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
May 2003
logo
Intersil Corporation
HA-5221 INTERSIL-HA-5221_03 Datasheet
657Kb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
logo
Rohm
BA15532 ROHM-BA15532 Datasheet
56Kb / 4P
   Dual high slew rate, low noise operational amplifier
BA15218 ROHM-BA15218 Datasheet
60Kb / 5P
   Dual high slew rate, low noise operational amplifier
logo
Intersil Corporation
HA-5160 INTERSIL-HA-5160 Datasheet
92Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
March 18, 2010
logo
Renesas Technology Corp
HA-5160 RENESAS-HA-5160 Datasheet
522Kb / 8P
   100MHz, JFET Input, High Slew Rate,Uncompensated, Operational Amplifier
March 18, 2010
logo
Intersil Corporation
HA-5160 INTERSIL-HA-5160_05 Datasheet
250Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
HA-5160 INTERSIL-HA-5160 Datasheet
321Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com