Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HS-1840RH883S Datasheet(PDF) 6 Page - Intersil Corporation

No. de pieza HS-1840RH883S
Descripción Electrónicos  Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-1840RH883S Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HS-1840RH883S Datasheet HTML 2Page - Intersil Corporation HS-1840RH883S Datasheet HTML 3Page - Intersil Corporation HS-1840RH883S Datasheet HTML 4Page - Intersil Corporation HS-1840RH883S Datasheet HTML 5Page - Intersil Corporation HS-1840RH883S Datasheet HTML 6Page - Intersil Corporation HS-1840RH883S Datasheet HTML 7Page - Intersil Corporation HS-1840RH883S Datasheet HTML 8Page - Intersil Corporation HS-1840RH883S Datasheet HTML 9Page - Intersil Corporation HS-1840RH883S Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Specifications HS-1840RH/883S
TABLE 5. DC POST BURN-IN DELTA ELECTRICAL CHARACTERISTICS
Guaranteed, per Mil-Std-883, Method 1019. Unless Otherwise Specified: V- = -15V, V+ = +15V, VREF = +5V, VAH = +4.0V, VAL = 0.8V
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Input Leakage Current,
Address, or Enable
Pins
IAH
IAL
Measure Inputs Sequentially,
Ground All Unused Pins
1+25oC
-100
100
nA
Leakage Current Into
the Source Terminal of
an “Off” Switch
+IS(OFF)
VS = +10V, All Unused Inputs &
Output = -10V, VEN = 4.0V
1+25oC
-20
20
nA
-IS(OFF)
VS = -10V, All Unused Inputs &
Output = +10V, VEN = 4.0V
1+25oC
-20
20
nA
Leakage Current Into
the Drain Terminal of
an “Off” Switch
+ID(OFF)
VD = +10V, VEN = 4.0V
All Unused Inputs = -10V
1+25oC
-20
20
nA
-ID(OFF)
VD = -10V, VEN = 4.0V
All Unused Inputs = +10V
1+25oC
-20
20
nA
Leakage Current from
an “On” Driver into the
Switch (Drain & Source)
+ ID(ON)
VS = +10V, VD = +10V,
VEN = 0.8V
All Unused Inputs = -10V
1+25oC
-20
20
nA
-ID(ON)
VS = -10V, VD = -10V,
VEN = 0.8V
All Unused Inputs = +10V
1+25oC
-20
20
nA
Switch On Resistance
+15V R(ON) VS = +15V, ID = -1mA,
VEN = 0.8V
1+25oC
-150
150
-5V R(ON)
VS = -5V, ID = +1mA,
VEN = 0.8V
1+25oC
-250
250
Positive Supply
Current
I(+)
VEN = 0.8V
1
+25oC
-50
50
µA
Negative Supply
Current
I(-)
VEN = 0.8V
1
+25oC
-50
50
µA
Positive Standby
Supply Current
+ISBY
VEN = 4.0V
1
+25oC
-50
50
µA
Negative Standby
Supply Current
-ISBY
VEN = 4.0V
1
+25oC
-50
50
µA
TABLE 6. APPLICABLE SUBGROUPS
CONFORMANCE GROUPS
METHOD
Q SUBGROUPS
Initial Test
100%/5004
1
Interim Test
100%/5004
1
PDA
100%/5004
1
Final Test
100%/5004
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Group A
Samples/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Group B
B5
Samples/5005
1, 2, 3
Others
Samples/5005
1, 7
Group D
Samples/5005
1, 7
Group E, Subgroup 2
Samples/5005
1, 7


Número de pieza similar - HS-1840RH883S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Harris Corporation
HS-1840RH HARRIS-HS-1840RH Datasheet
193Kb / 13P
   Rad-Hard 16 Channel CMOS Analog Rad-Hard 16 Channel CMOS Analog
More results

Descripción similar - HS-1840RH883S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
HS-1840ARH INTERSIL-HS-1840ARH_11 Datasheet
413Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-1840ARH INTERSIL-HS-1840ARH Datasheet
219Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-1840BEH INTERSIL-HS-1840BEH Datasheet
415Kb / 7P
   Rad-Hard 16 Channel BiCMOS Analog Multiplexer with High-Z Analog Input Protection
logo
Harris Corporation
HS-1840RH HARRIS-HS-1840RH Datasheet
193Kb / 13P
   Rad-Hard 16 Channel CMOS Analog Rad-Hard 16 Channel CMOS Analog
logo
Intersil Corporation
HS-1840ARH-T INTERSIL-HS-1840ARH-T Datasheet
65Kb / 3P
   Radiation Hardened 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
logo
STMicroelectronics
M54HC4051 STMICROELECTRONICS-M54HC4051_04 Datasheet
289Kb / 12P
   RAD-HARD SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M54HC4053 STMICROELECTRONICS-M54HC4053 Datasheet
287Kb / 12P
   RAD-HARD TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Maxwell Technologies
306RPFX MAXWELL-306RPFX Datasheet
272Kb / 16P
   16-Channel CMOS Analog Multiplexer
logo
Texas Instruments
CD74HC4067 TI-CD74HC4067 Datasheet
45Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067SM TI-CD74HC4067SM Datasheet
724Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com