Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SP5100 Datasheet(PDF) 3 Page - Jinan Jing Heng Electronics Co., Ltd.

No. de Pieza. SP5100
Descripción  SCHOTTKY BARRIER RECTIFIER
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Página de inicio  http://www.jinghenggroup.com/
Logo 

SP5100 Datasheet(HTML) 3 Page - Jinan Jing Heng Electronics Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0
20
40
60
80
100
120
150
0
2.0
3.0
4.0
5.0
1.0
FIG.1-FORWARD CURRENT DERATING CURVE
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
LEAD TEMPERATURE ( ℃)
RESISTIVE OR INDUCTIVE LOAD
FIG.5-TYPICAL JUNCTION CAPACITANCE
130
RATINGS AND CHARACTERISTIC OF SP5100
REVERSE VOLTAGE. VOLTS
0.1
1
10
100
100
4000
1000
TL measured at the
cathode band terminal
0
25
50
75
100
125
150
1
10
100
TJ=TJMAX
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
INSTANTANEOUS FORWARD VOLTAGE (V)
0.01
0.1
1
100
0.1
0.2
0.3
0.4
0.5
0.8
0.7
0.6
0
10
5
TJ=25℃
TJ=125℃
TJ=100℃
PULSE WIDTH=300μS
1% DUTY CYCLE
0.001
0.01
1
0.1
10
20
20
0
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE%
TJ=25℃
TJ=100℃
TJ=125℃
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP://WWW.JINGHENG.CN
3-3
REV:NOV-2017


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn