Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RYU002N05T306 Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

No. de pieza RYU002N05T306
Descripción Electrónicos  N-Channel 60-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VBSEMI [VBsemi Electronics Co.,Ltd]
Página de inicio  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

RYU002N05T306 Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  RYU002N05T306 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd RYU002N05T306 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd RYU002N05T306 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd RYU002N05T306 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd RYU002N05T306 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd RYU002N05T306 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd RYU002N05T306 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd RYU002N05T306 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Notes:
a. For DESIGN AID ONLY, not subject to production testing.
b. Pulse test: PW
≤ 300 µs duty cycle ≤ 2 %.
c. Switching time is essentially independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Limits
Unit
Min.
Typ.a
Max.
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 10 µA
60
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
12.5
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 10
µA
VDS = 0 V, VGS = ± 15 V
1
VDS = 0 V, VGS = ± 10 V
± 150
nA
VDS = 0 V, VGS = ± 10 V, TJ = 85 °C
± 1000
VDS = 0 V, VGS = ± 5 V
± 100
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
1
µA
VDS = 60 V, VGS = 0 V , TJ = 125 °C
500
On-State Drain Currenta
ID(on)
VGS = 10 V, VDS = 7.5 V
800
mA
VGS = 4.5 V, VDS = 10 V
500
Drain-Source On-Resistancea
RDS(on)
VGS = 10 V, ID = 500 mA
2
Ω
VGS = 4.5 V, ID = 200 mA
4
Forward Transconductancea
gfs
VDS = 10 V, ID = 200 mA
100
mS
Diode Forward Voltage
VSD
IS = 200 mA, VGS = 0 V
1.3
V
Dynamica
Total Gate Charge
Qg
VDS = 10 V, VGS = 4.5 V
ID ≅ 250 mA
0.4
0.6
nC
Input Capacitance
Ciss
VDS = 25 V, VGS = 0 V
f = 1 MHz
30
pF
Output Capacitance
Coss
6
Reverse Transfer Capacitance
Crss
2.5
Switchinga, b, c
Turn-On Time
td(on)
VDD = 30 V, RL = 150 Ω
ID ≅ 200 mA, VGEN = 10 V, RG = 10 Ω
25
ns
Turn-Off Time
td(off)
35
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
RYU002N05T306
2


Número de pieza similar - RYU002N05T306

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
RYU002N05 ROHM-RYU002N05 Datasheet
981Kb / 6P
   0.9V Drive Nch MOSFET
More results

Descripción similar - RYU002N05T306

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com