Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI2300DS-T1-GE3 Datasheet(PDF) 5 Page - VBsemi Electronics Co.,Ltd

No. de pieza SI2300DS-T1-GE3
Descripción Electrónicos  N-Channel 20 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VBSEMI [VBsemi Electronics Co.,Ltd]
Página de inicio  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SI2300DS-T1-GE3 Datasheet(HTML) 5 Page - VBsemi Electronics Co.,Ltd

  SI2300DS-T1-GE3 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SI2300DS-T1-GE3 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SI2300DS-T1-GE3 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SI2300DS-T1-GE3 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SI2300DS-T1-GE3 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SI2300DS-T1-GE3 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SI2300DS-T1-GE3 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SI2300DS-T1-GE3 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd SI2300DS-T1-GE3 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max.) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0.0
1.5
3.0
4.5
6.0
7.5
0
255075
100
125
150
Package Limited
TC - Case Temperature (°C)
Power Derating, Junction-to-Foot
0.0
0.5
1.0
1.5
2.0
2.5
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Power Derating, Junction-to-Ambient
0.0
0.3
0.6
0.9
1.2
0
25
50
75
100
125
150
TA - Ambient Temperature (°C)
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
SI2300DS-T1-GE3
5


Número de pieza similar - SI2300DS-T1-GE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI2300DS-T1-GE3 VISHAY-SI2300DS-T1-GE3 Datasheet
125Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 18-Jan-10
SI2300DS-T1-GE3 VISHAY-SI2300DS-T1-GE3 Datasheet
206Kb / 9P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI2300DS-T1-GE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com