Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMAG5170-Q1 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TMAG5170-Q1
Descripción Electrónicos  TMAG5170-Q1 3-Axis Linear Hall Effect Sensor With SPI Interface
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMAG5170-Q1 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TMAG5170-Q1 Datasheet HTML 34Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 35Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 36Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 37Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 38Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 39Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 40Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 41Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
VCC
GND
ALERT
2.3V to 5.5V
TEST
CS
MOSI
MISO
SCLK
VDD/VIO
38
TMAG5170-Q1
SBAS934 – JUNE 2020
www.ti.com
Product Folder Links: TMAG5170-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Typical Application (continued)
Figure 19. TMAG5170-Q1 Application Diagram
8.3.1 Design Requirements
Use the parameters listed in Table 26 for this design example
Table 26. Design Parameters
DESIGN PARAMETERS
ON-AXIS MEASUREMENT
OFF-AXIS MEASUREMENT
Device
TMAG5170-A1
TMAG5170-A1
VCC
5 V
5 V
Magnet
Cylinder: 4.7625-mm diameter, 12.7-mm
thick, neodymium N52, Br = 1480
Cylinder: 4.7625-mm diameter, 12.7-mm
thick, neodymium N52, Br = 1480
Magnetic Range Selection
Select the same range for both axes based
off the highest possible magnetic field seen
by the sensor
Select the same range for both axes based
off the highest possible magnetic field seen
by the sensor
RPM
<600
<600
Desired Accuracy
<1 °C for 360° rotation
<1 C for 360° rotation
8.3.1.1 Gain Adjustment for Angle Measurement
Common measurement topology include angular position measurements in on-axis or off-axis angular
measurements shown in Figure 20. Select the on-axis measurement topology whenever possible as this offers
the best optimization of magnetic field and the device measurement ranges. The TMAG5170-Q1 offers on-chip
gain adjustment option to account for mechanical position misalignments.


Número de pieza similar - TMAG5170-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMAG5170-Q1 TI-TMAG5170-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   TMAG5170 High-Precision 3D Linear Hall-Effect Sensor With SPI
SEPTEMBER 2021
TMAG5170-Q1 TI-TMAG5170-Q1 Datasheet
2Mb / 61P
[Old version datasheet]   TMAG5170-Q1 High-Precision 3D Linear Hall-Effect Sensor With SPI
DECEMBER 2021
TMAG5170-Q1 TI-TMAG5170-Q1_V01 Datasheet
2Mb / 61P
[Old version datasheet]   TMAG5170-Q1 High-Precision 3D Linear Hall-Effect Sensor With SPI
DECEMBER 2021
More results

Descripción similar - TMAG5170-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMAG5170-Q1 TI-TMAG5170-Q1_V01 Datasheet
2Mb / 61P
[Old version datasheet]   TMAG5170-Q1 High-Precision 3D Linear Hall-Effect Sensor With SPI
DECEMBER 2021
TMAG5170 TI-TMAG5170 Datasheet
2Mb / 60P
[Old version datasheet]   TMAG5170 High-Precision 3D Linear Hall-Effect Sensor With SPI
SEPTEMBER 2021
TMAG5273 TI-TMAG5273 Datasheet
2Mb / 59P
[Old version datasheet]   TMAG5273 3-Axis Linear Hall Effect Sensor With I2C Interface
TMAG5170D-Q1 TI1-TMAG5170D-Q1_V01 Datasheet
2Mb / 80P
[Old version datasheet]   TMAG5170D-Q1 Dual-Die High-Precision 3D Linear Hall-Effect Sensor With SPI
MARCH 2023
TMAG5170D-Q1 TI-TMAG5170D-Q1 Datasheet
2Mb / 79P
[Old version datasheet]   TMAG5170D-Q1 Dual-Die High-Precision 3D Linear Hall-Effect Sensor With SPI
MARCH 2023
logo
Micronas
HAL2830 MICRONAS-HAL2830_16 Datasheet
443Kb / 34P
   Linear Hall-Effect Sensor Family with SENT Interface
logo
Texas Instruments
DRV5057-Q1 TI1-DRV5057-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   DRV5057-Q1 Automotive Linear Hall Effect Sensor With PWM Output
logo
TRINAMIC Motion Control...
TMCM-323 TRINAMIC-TMCM-323 Datasheet
474Kb / 1P
   3-Axis Encoder Interface with SPI
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
   Linear Hall Effect Sensor
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
   Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com