Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMCS1100 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TMCS1100
Descripción Electrónicos  TMCS1100 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1100 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMCS1100_V01 Datasheet HTML 5Page - Texas Instruments TMCS1100_V01 Datasheet HTML 6Page - Texas Instruments TMCS1100_V01 Datasheet HTML 7Page - Texas Instruments TMCS1100_V01 Datasheet HTML 8Page - Texas Instruments TMCS1100_V01 Datasheet HTML 9Page - Texas Instruments TMCS1100_V01 Datasheet HTML 10Page - Texas Instruments TMCS1100_V01 Datasheet HTML 11Page - Texas Instruments TMCS1100_V01 Datasheet HTML 12Page - Texas Instruments TMCS1100_V01 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
9
TMCS1100
www.ti.com
SBOS820A – SEPTEMBER 2019 – REVISED JUNE 2020
Product Folder Links: TMCS1100
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25°C, VS = 5 V, VREF = 2.5 V (unless otherwise noted)
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(5)
Thermally limited by junction temperature. Applies when device mounted on TMCS1100EVM. For more details, see the Safe Operating
Area section.
(6)
Refer to the Transient Response section for details of frequency and transient response of the device.
IIN,max
Allowable continuous RMS current (5)
TA= 25ºC
30
A
TA= 85ºC
25
A
TA= 105ºC
22.5
A
TA= 125ºC
16
A
VREF
Reference input voltage
VGND
VS
V
VREF input current
VREF = GND, VS
±1
±5
µA
VREF external source impedance
Maximum source impedance of external circuit
driving VREF
5
k
VOLTAGE OUTPUT
ZOUT
Closed loop output impedance
f = 1 Hz to 1 kHz
0.2
f = 10 kHz
2
Maximum capacitive load
No sustained oscillation
1
nF
Short circuit output current
VOUT short to ground, short to VS
90
mA
Swing to VS power-supply rail
RL = 10 kΩ to GND, TA= –40ºC to +125ºC
VS – 0.02
VS – 0.1
V
Swing to GND, current driven
RL = 10 kΩ to GND, TA= –40ºC to +125ºC
VGND + 5
VGND + 10
mV
Swing to GND, zero current
TMCS1100A1,A2,A3, RL = 10 kΩ to GND, TA=
–40ºC to +125ºC, VREF = GND, IIN = 0 A
VGND + 5
VGND + 20
mV
TMCS1100A4, RL = 10 kΩ to GND, TA= –40ºC
to +125ºC, VREF = GND, IIN = 0 A
VGND + 20
VGND + 55
mV
FREQUENCY RESPONSE
BW
Bandwidth(6)
–3-dB Bandwidth
80
kHz
SR
Slew rate(6)
Slew rate of output amplifier during single
transient step.
1.5
V/µs
tr
Response time(6)
Time between the input current step reaching
90% of final value to the sensor output
reaching 90% of its final value, for a 1V output
transition.
6.5
µs
tp
Propagation delay(6)
Time between the input current step reaching
10% of final value to the sensor output
reaching 10% of its final value, for a 1V output
transition.
4
µs
tr,SC
Current overload response time(6)
Time between the input current step reaching
90% of final value to the sensor output
reaching 90% of its final value. Input current
step amplitude is twice full scale output range.
5
µs
tp,SC
Current overload propagation delay(6)
Time between the input current step reaching
10% of final value to the sensor output
reaching 10% of its final value. Input current
step amplitude is twice full scale output range.
3
µs
Current overload recovery time
Time from end of current causing output
saturation condition to valid output
15
µs
POWER SUPPLY
IQ
Quiescent current
TA = 25ºC
4.5
5.5
mA
TA = –40ºC to +125ºC
6
mA
Power on time
Time from VS > 3 V to valid output
25
ms


Número de pieza similar - TMCS1100_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMCS1100-Q1 TI-TMCS1100-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   TMCS1100-Q1 AEC-Q100, 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1100A1 TI1-TMCS1100A1 Datasheet
1,005Kb / 35P
[Old version datasheet]   TMCS1100 High-Precision, Isolated Current Sensor With External Reference
TMCS1100A1QDRQ1 TI-TMCS1100A1QDRQ1 Datasheet
2Mb / 48P
[Old version datasheet]   TMCS1100-Q1 AEC-Q100, 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1100A2 TI1-TMCS1100A2 Datasheet
1,005Kb / 35P
[Old version datasheet]   TMCS1100 High-Precision, Isolated Current Sensor With External Reference
TMCS1100A2QDRQ1 TI-TMCS1100A2QDRQ1 Datasheet
2Mb / 48P
[Old version datasheet]   TMCS1100-Q1 AEC-Q100, 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
More results

Descripción similar - TMCS1100_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMCS1100-Q1 TI-TMCS1100-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   TMCS1100-Q1 AEC-Q100, 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1101 TI1-TMCS1101_V01 Datasheet
1Mb / 48P
[Old version datasheet]   TMCS1101 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1101-Q1 TI-TMCS1101-Q1 Datasheet
2Mb / 47P
[Old version datasheet]   TMCS1101-Q1 AEC-Q100, 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1107 TI-TMCS1107 Datasheet
2Mb / 41P
[Old version datasheet]   TMCS1107 3% Basic Isolation Hall-Effect Current Sensor With 짹420-V Working Voltage
TMCS1107-Q1 TI-TMCS1107-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   TMCS1107-Q1 AEC-Q100, 3% Basic Isolation Hall-Effect Current Sensor With 짹420-V Working Voltage
JULY 2021
TMCS1108 TI-TMCS1108 Datasheet
2Mb / 40P
[Old version datasheet]   TMCS1108 3% Functional Isolation Hall-Effect Current Sensor With 짹100-V Working Voltage
TMCS1133 TI-TMCS1133 Datasheet
2Mb / 36P
[Old version datasheet]   TMCS1133 Precision 1 MHz Hall-Effect Current Sensor With ±1100V Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
OCTOBER 2023
TMCS1108-Q1 TI-TMCS1108-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   TMCS1108-Q1 AEC-Q100, 3% Functional Isolation Hall-Effect Current Sensor With 짹100-V Working Voltage
JULY 2021
TMCS1123 TI1-TMCS1123 Datasheet
1Mb / 35P
[Old version datasheet]   TMCS1123 Precision Hall-Effect Current Sensor With ±1100V Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
JULY 2023
TMCS1100 TI1-TMCS1100 Datasheet
1,005Kb / 35P
[Old version datasheet]   TMCS1100 High-Precision, Isolated Current Sensor With External Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com