Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BGL16125 Datasheet(PDF) 1 Page - Schneider Electric

No. de Pieza. BGL16125
Descripción  Circuit breaker, PowerPact B, 125A, 1 pole, 600Y/347V AC, 18kA at 600Y/347 UL, EverLink lugs both ends
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SCHNEIDER [Schneider Electric]
Página de inicio  https://www.se.com/us/en/
Logo 

BGL16125 Datasheet(HTML) 1 Page - Schneider Electric

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
BGL16125
Circuit breaker, PowerPact B, 125A, 1 pole,
600Y/347V AC, 18kA at 600Y/347 UL, EverLink
lugs both ends
Price** : 872.00 USD
Main
Range
PowerPact
Product name
PowerPact B
Device short name
BG 125
Product or component type
Circuit breaker
Device application
Distribution
Complementary
Line Rated Current
125 A
Number of Poles
1P
Protected poles description
1t
Control type
Toggle
Breaking capacity code
G
Breaking capacity
65 kA 208Y/120 V AC 50/60 Hz UL 489
65 kA 240 V AC 50/60 Hz UL 489
35 kA 480Y/277 V AC 50/60 Hz UL 489
18 kA 600Y/347 V AC 50/60 Hz UL 489
20 kA 125 V DC UL 489
[Ue] rated operational voltage
240 V AC 50/60 Hz UL 489
[Ics] rated service breaking capacity
65 kA 220...240 V AC 50/60 Hz IEC 60947-2
[Uimp] rated impulse withstand voltage
8 kV IEC 60947-2
[Ui] rated insulation voltage
800 V IEC 60947-2
Trip unit technology
Thermal-magnetic
Trip unit name
TM-D
Suitability for isolation
Yes IEC 60947-2
Utilisation category
Category A
Mechanical durability
15000 cycles IEC 947-1 Annex F ed 5.2
Jun 22, 2020
1


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn