Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BGL26050 Datasheet(PDF) 1 Page - Schneider Electric

No. de pieza BGL26050
Descripción Electrónicos  PowerPact B Circuit Breaker, 50A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHNEIDER [Schneider Electric]
Página de inicio  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

BGL26050 Datasheet(HTML) 1 Page - Schneider Electric

  BGL26050 Datasheet HTML 1Page - Schneider Electric BGL26050 Datasheet HTML 2Page - Schneider Electric BGL26050 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
BGL26050
PowerPact B Circuit Breaker, 50A, 2P,
600Y/347V AC, 18kA at 600Y/347 UL EverLink
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 1,142.00 USD
Main
Range
PowerPact
Product name
PowerPact B
Device short name
BG 050
Product or component type
Circuit breaker
Device application
Distribution
Complementary
Line Rated Current
50 A
Number of Poles
2P
Control type
Toggle
Breaking capacity code
G
Breaking capacity
65 kA 208Y/120 V AC 50/60 Hz UL 489
65 kA 240 V AC 50/60 Hz UL 489
35 kA 480/277 V AC 50/60 Hz UL 489
35 kA 480 V AC 50/60 Hz UL 489
18 kA 250 V DC UL 489
18 kA 600Y/347 V AC 50/60 Hz UL 489
[Ue] rated operational voltage
525 V AC 50/60 Hz UL 489
[Ics] rated service breaking capacity
65 kA 220...240 V AC 50/60 Hz IEC 60947-2
18 kA 500...525 V AC 50/60 Hz IEC 60947-2
35 kA 380...415 V AC 50/60 Hz IEC 60947-2
35 kA 440 V AC 50/60 Hz IEC 60947-2
[Uimp] rated impulse withstand voltage
8 kV IEC 60947-2
[Ui] rated insulation voltage
800 V IEC 60947-2
Trip unit technology
Thermal-magnetic
Suitability for isolation
Yes IEC 60947-2
Utilisation category
Category A
Mechanical durability
20000 cycles IEC 947-1 Annex K ed 5.2
Jun 22, 2020
1


Número de pieza similar - BGL26050

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schneider Electric
BGL26050LU SCHNEIDER-BGL26050LU Datasheet
104Kb / 3P
   Circuit breaker, PowerPact B, 50A, 2 poles, 600Y/347V AC, 18kA at 600Y/347 UL, Everlink, control wire ON end
More results

Descripción similar - BGL26050

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schneider Electric
BGP26050 SCHNEIDER-BGP26050 Datasheet
104Kb / 3P
   PowerPact B Circuit Breaker, 50A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGM26050 SCHNEIDER-BGM26050 Datasheet
93Kb / 3P
   PowerPact B Circuit Breaker, 50A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGM26035 SCHNEIDER-BGM26035 Datasheet
92Kb / 3P
   PowerPact B Circuit Breaker, 35A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGM26045 SCHNEIDER-BGM26045 Datasheet
93Kb / 3P
   PowerPact B Circuit Breaker, 45A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGM26060 SCHNEIDER-BGM26060 Datasheet
93Kb / 3P
   PowerPact B Circuit Breaker, 60A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGP26090 SCHNEIDER-BGP26090 Datasheet
104Kb / 3P
   PowerPact B Circuit Breaker, 90A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGL26035 SCHNEIDER-BGL26035 Datasheet
105Kb / 3P
   PowerPact B Circuit Breaker, 35A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGL36050 SCHNEIDER-BGL36050 Datasheet
131Kb / 3P
   PowerPact B Circuit Breaker, 50A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGM46050 SCHNEIDER-BGM46050 Datasheet
118Kb / 2P
   PowerPact B Circuit Breaker, 50A, 4P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGM36050 SCHNEIDER-BGM36050 Datasheet
116Kb / 3P
   PowerPact B Circuit Breaker, 50A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com