Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EP2AGX45DF25I5 Datasheet(PDF) 46 Page - Altera Corporation

No. de pieza EP2AGX45DF25I5
Descripción Electrónicos  Arria II Device Handbook
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALTERA [Altera Corporation]
Página de inicio  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX45DF25I5 Datasheet(HTML) 46 Page - Altera Corporation

Back Button EP2AGX45DF25I5 Datasheet HTML 42Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 43Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 44Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 45Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 46Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 47Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 48Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 49Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 50Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 90 page
background image
1–38
Chapter 1: Device Datasheet for Arria II Devices
Switching Characteristics
Arria II Device Handbook Volume 3: Device Datasheet and Addendum
December 2013
Altera Corporation
Jitter tolerance at
2488.32 Mbps
Jitter frequency =
0.06 KHz
Pattern = PRBS15
> 15
> 15
> 15
> 15
UI
Jitter frequency =
100 KHZ
Pattern = PRBS15
> 1.5
> 1.5
> 1.5
> 1.5
UI
Jitter frequency =
1MHz
Pattern = PRBS15
> 0.15
> 0.15
> 0.15
> 0.15
UI
Jitter frequency =
10 MHz
Pattern = PRBS15
> 0.15
> 0.15
> 0.15
> 0.15
UI
XAUI Transmit Jitter Generation (3)
Total jitter at
3.125 Gbps
Pattern = CJPAT
0.3
0.3
0.3
0.3
UI
Deterministic
jitter at
3.125 Gbps
Pattern = CJPAT
0.17
0.17
0.17
0.17
UI
XAUI Receiver Jitter Tolerance (3)
Total jitter
> 0.65
> 0.65
> 0.65
> 0.65
UI
Deterministic
jitter
> 0.37
> 0.37
> 0.37
> 0.37
UI
Peak-to-peak
jitter
Jitter frequency =
22.1 KHz
> 8.5
> 8.5
> 8.5
> 8.5
UI
Peak-to-peak
jitter
Jitter frequency =
1.875 MHz
> 0.1
> 0.1
> 0.1
> 0.1
UI
Peak-to-peak
jitter
Jitter frequency =
20 MHz
> 0.1
> 0.1
> 0.1
> 0.1
UI
PCIe Transmit Jitter Generation (4)
Total jitter at
2.5 Gbps (Gen1)
Compliance
pattern
0.25
0.25
0.25
0.25
UI
Table 1–40. Transceiver Block Jitter Specifications for Arria II GX Devices (Note 1) (Part 2 of 10)
Symbol/
Description
Conditions
I3
C4
C5, I5
C6
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max


Número de pieza similar - EP2AGX45DF25I5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Altera Corporation
EP2AGX45DF25I3N ALTERA-EP2AGX45DF25I3N Datasheet
801Kb / 78P
   1. Device Datasheet for Arria II Devices
More results

Descripción similar - EP2AGX45DF25I5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Altera Corporation
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
MAX2 ALTERA-MAX2 Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX125EF29I5N ALTERA-EP2AGX125EF29I5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260FF35I3N ALTERA-EP2AGX260FF35I3N Datasheet
801Kb / 28P
   Device Datasheet for Arria II Devices
EP2AGX260EF29I3N ALTERA-EP2AGX260EF29I3N Datasheet
820Kb / 78P
   Device Datasheet for Arria II Devices
EP2C5Q208I8N ALTERA-EP2C5Q208I8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C20F256C8N ALTERA-EP2C20F256C8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2S180F1020C4 ALTERA-EP2S180F1020C4 Datasheet
5Mb / 768P
   Stratix II Device Handbook, Volume 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com