Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA4851-1 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADA4851-1
Descripción Electrónicos  Low Cost, High Speed, Rail-to-Rail Output Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADA4851-1 Datasheet(HTML) 4 Page - Analog Devices

  ADA4851-1 Datasheet HTML 1Page - Analog Devices ADA4851-1 Datasheet HTML 2Page - Analog Devices ADA4851-1 Datasheet HTML 3Page - Analog Devices ADA4851-1 Datasheet HTML 4Page - Analog Devices ADA4851-1 Datasheet HTML 5Page - Analog Devices ADA4851-1 Datasheet HTML 6Page - Analog Devices ADA4851-1 Datasheet HTML 7Page - Analog Devices ADA4851-1 Datasheet HTML 8Page - Analog Devices ADA4851-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADA4851-1/ADA4851-2/ADA4851-4
Rev. C | Page 4 of 20
SPECIFICATIONS WITH +5 V SUPPLY
TA = 25°C, RF = 0 Ω for G = +1, RF = 1 kΩ for G > +1, RL = 1 kΩ, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +1, VO = 0.1 V p-p
96
125
MHz
G = +1, VO = 0.5 V p-p
72
96
MHz
G = +2, VO = 1.4 V p-p, RL = 150 Ω
35
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VO = 1.4 V p-p, RL = 150 Ω
11
MHz
Slew Rate
G = +2, VO = 2 V step
200
V/μs
Settling Time to 0.1%
G = +2, VO = 2 V step, RL = 150 Ω
55
ns
NOISE/DISTORTION PERFORMANCE
Harmonic Distortion (dBc) HD2/HD3
fC = 1 MHz, VO = 2 V p-p, G = +1
−80/−100
dBc
Input Voltage Noise
f = 100 kHz
10
nV/√Hz
Input Current Noise
f = 100 kHz
2.5
pA/√Hz
Differential Gain
G = +2, NTSC, RL = 150 Ω, VO = 2 V p-p
0.08
%
Differential Phase
G = +2, NTSC, RL = 150 Ω, VO = 2 V p-p
0.11
Degrees
Crosstalk (RTI)—ADA4851-2/ADA4851-4
f = 5 MHz, G = +2, VO = 2.0 V p-p
−70/−60
dB
DC PERFORMANCE
Input Offset Voltage
0.6
3.4
mV
Input Offset Voltage Drift
4
μV/°C
Input Bias Current
2.2
3.9
μA
Input Bias Current Drift
6
nA/°C
Input Bias Offset Current
20
nA
Open-Loop Gain
VO = 1 V to 4 V
97
107
dB
INPUT CHARACTERISTICS
Input Resistance
Differential/common-mode
0.5/5.0
Input Capacitance
1.2
pF
Input Common-Mode Voltage Range
−0.2 to +2.8
V
Input Overdrive Recovery Time (Rise/Fall)
VIN = +5.5 V, −0.5 V, G = +1
50/45
ns
Common-Mode Rejection Ratio
VCM = 0 V to 2 V
−86
−105
dB
POWER-DOWN
Power-Down Input Voltage
Power-down
<1.1
V
Enabled
>1.6
V
Turn-Off Time
0.7
μs
Turn-On Time
50
ns
Power-Down Bias Current
Enabled
Power-down = 5 V
33
40
μA
Power-Down
Power-down = 0 V
−22
−30
μA
OUTPUT CHARACTERISTICS
Output Overdrive Recovery Time (Rise/Fall)
VIN = +1.1 V, −0.1 V, G = +5
60/70
ns
Output Voltage Swing
0.09 to 4.91
0.06 to 4.94
V
Short-Circuit Current
Sinking/sourcing
110/90
mA
POWER SUPPLY
Operating Range
2.7
12
V
Quiescent Current per Amplifier
2.5
2.8
mA
Quiescent Current (Power-Down)
Power-down = low
0.2
0.3
mA
Positive Power Supply Rejection
+VS = +5 V to +6 V, −VS = 0 V
−82
−101
dB
Negative Power Supply Rejection
+VS = +5 V, −VS = −0 V to −1 V
−81
−101
dB


Número de pieza similar - ADA4851-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4851-1 AD-ADA4851-1 Datasheet
487Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. E
ADA4851-1WYRJZ-R7 AD-ADA4851-1WYRJZ-R7 Datasheet
432Kb / 24P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1WYRJZ-R7 AD-ADA4851-1WYRJZ-R7 Datasheet
380Kb / 24P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
ADA4851-1YRJ-EBZ AD-ADA4851-1YRJ-EBZ Datasheet
432Kb / 24P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1YRJ-EBZ AD-ADA4851-1YRJ-EBZ Datasheet
380Kb / 24P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
More results

Descripción similar - ADA4851-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4851-2 AD-ADA4851-2_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1 AD-ADA4851-1_07 Datasheet
487Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. E
ADA4851-1 AD-ADA4851-1_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1 AD-ADA4851-1_06 Datasheet
451Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. D
ADA4851-2 AD-ADA4851-2 Datasheet
432Kb / 24P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-4 AD-ADA4851-4_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1 AD-ADA4851-1_16 Datasheet
380Kb / 24P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
logo
Monolithic Power System...
MP5120 MPS-MP5120 Datasheet
470Kb / 10P
   High Speed, /-9V, Rail-to-Rail Input-Output Op Amps
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
logo
Maxim Integrated Produc...
MAX4012 MAXIM-MAX4012 Datasheet
196Kb / 16P
   Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com