Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC78PC00 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza MC78PC00
Descripción Electrónicos  Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78PC00 Datasheet(HTML) 2 Page - ON Semiconductor

  MC78PC00 Datasheet HTML 1Page - ON Semiconductor MC78PC00 Datasheet HTML 2Page - ON Semiconductor MC78PC00 Datasheet HTML 3Page - ON Semiconductor MC78PC00 Datasheet HTML 4Page - ON Semiconductor MC78PC00 Datasheet HTML 5Page - ON Semiconductor MC78PC00 Datasheet HTML 6Page - ON Semiconductor MC78PC00 Datasheet HTML 7Page - ON Semiconductor MC78PC00 Datasheet HTML 8Page - ON Semiconductor MC78PC00 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MC78PC00 Series
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage
VIN
9.0
V
Input Voltage
VCE
–0.3 ~VIN +0.3
V
Output Voltage
VOUT
–0.3 ~VIN +0.3
V
Power Dissipation
PD
250
mW
Operating Temperature Range
TA
–40 to +85
°C
Operating Junction Temperature
TJ
+125
°C
Maximum Junction Temperature
TJmax
+150
°C
Storage Temperature Range
Tstg
–55 to +125
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (VIN = VOUT + 1.0 V, IOUT = 30 mA)
VOUT
V
MC78PC18
1.764
1.80
1.836
MC78PC25
2.450
2.50
2.550
MC78PC28
2.744
2.80
2.856
MC78PC30
2.94
3.00
3.06
MC78PC33
3.234
3.3
3.366
MC78PC50
4.9
5.0
5.1
Nominal Output Current
(VIN = VOUT + 1.0 V, VOUT = VOUT(nom) – 0.1 V)
IOUT
150
mA
Load Regulation (VIN = VOUT + 1.0 V, 1.0 mA ≤ IOUT ≤ 80 mA)
DVOUT/DIOUT
12
40
mV
Supply Current in ON mode (VIN = VOUT + 1.0 V, IOUT = 0 mA)
ISS
35
70
mA
Supply Current in OFF mode, i.e. VCE = GND
Istandby
0.1
1.0
mA
(VIN = VOUT + 1.0 V, IOUT = 0 mA)
Ripple Rejection (f = 1.0 kHz, Ripple 0.5 Vp–p, VIN = VOUT + 1.0 V)
RR
70
dB
Input Voltage
VIN
8.0
V
Output Voltage Temperature Coefficient
DVOUT/DT
±100
ppm/
°C
(IOUT = 30 mA, –40°C ≤ TA ≤ +85°C)
Short Circuit Current Limit (VOUT = 0 V)
Ilim
50
mA
CE Pull–down Resistance
RPD
2.5
5.0
10
M
W
CE Input Voltage “H” (ON Mode)
VIH
1.5
VIN
V
CE Input Voltage “L” (OFF Mode)
VIL
0
0.25
V
Output Noise Voltage (f = 10 Hz to 100 kHz)
en
30
mVrms
ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE VOUT (TA = 25°C)
Characteristic
Symbol
Min
Typ
Max
Unit
Dropout Voltage (IOUT = 100 mA)
VDIF
V
1.8
≤ VOUT ≤ 1.9
0.60
1.40
2.0
≤ VOUT ≤ 2.4
0.35
0.70
2.5
≤ VOUT ≤ 2.7
0.24
0.35
2.8
≤ VOUT ≤ 3.3
0.20
0.30
3.4
≤ VOUT ≤ 6.0
0.17
0.26
Line Regulation
DVOUT/DVIN
%/V
(VOUT + 0.5 V ≤ VIN ≤ 8.0 V, IOUT = 30 mA)
0.05
0.20


Número de pieza similar - MC78PC00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
More results

Descripción similar - MC78PC00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
Infineon Technologies A...
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com