Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-CW36-1Q000 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

No. de pieza HLMP-CW36-1Q000
Descripción Electrónicos  T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CW36-1Q000 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-CW36-1Q000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CW36-1Q000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CW36-1Q000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CW36-1Q000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-CW36-1Q000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-CW36-1Q000 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Device Selection Guide
Part Number
Typical Viewing
Angle, 2
θ ½
(Degree)
Intensity (mcd) at 20 mA
Standoff
Package
Dimension
Min.
Max.
HLMP-CW11-WZ0xx
15
5500
16000
No
A
HLMP-CW11-XY0xx
15
7200
12000
No
A
HLMP-CW12-WZ0xx
15
5500
16000
Yes
B
HLMP-CW12-XY0xx
15
7200
12000
Yes
B
HLMP-CW12-XYBxx
15
7200
12000
Yes
B
HLMP-CW26-UX0xx
23
3200
9300
No
A
HLMP-CW26-VW0xx
23
4200
7200
No
A
HLMP-CW27-UX0xx
23
3200
9300
Yes
B
HLMP-CW27-UX2xx
23
3200
9300
Yes
B
HLMP-CW27-VW0xx
23
4200
7200
Yes
B
HLMP-CW36-TW0xx
30
2500
7200
No
A
HLMP-CW36-UV0xx
30
3200
5500
No
A
HLMP-CW36-UVBxx
30
3200
5500
No
A
HLMP-CW37-TW0xx
30
2500
7200
Yes
B
HLMP-CW37-UV0xx
30
3200
5500
Yes
B
HLMP-CW37-UVBxx
30
3200
5500
Yes
B
Notes:
1. Tolerance for luminous intensity measurement is +/- 15%
2. The luminous intensity is measured on the mechanical axis of the lamp package.
3. The optical axis is closely aligned with the package mechanical axis.
4. LED light output is bright enough to cause injuries to the eyes. Precautions must be taken to prevent looking directly at the LED without proper
safety equipment.
5. 2
θ1/2 is the off-axis angle where the luminous intensity is ½ the on axis intensity
Notes:
1. Derate linearly as shown in figure 2.
2. 1.59 mm (0.060 inch) below body
3. Duty factor 10%, frequency 1KHz
Absolute Maximum Rating at TA = 25oC
Parameters
Value
Unit
DC forward current [1]
30
mA
Peak pulsed forward current [3]
100
mA
Power dissipation
105
mW
LED junction temperature
110
oC
Operating temperature range
-40 to +85
oC
Storage temperature range
-40 to +100
oC
Wave soldering temperature [2]
250 for 3 seconds
oC
Solder Dipping temperature [2]
260 for 5 seconds
oC


Número de pieza similar - HLMP-CW36-1Q000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW30 AVAGO-HLMP-CW30 Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW30-PS0XX AVAGO-HLMP-CW30-PS0XX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW30-RU0XX AVAGO-HLMP-CW30-RU0XX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW30-STBXX AVAGO-HLMP-CW30-STBXX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW30-SV0XX AVAGO-HLMP-CW30-SV0XX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
More results

Descripción similar - HLMP-CW36-1Q000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW46 AVAGO-HLMP-CW46 Datasheet
94Kb / 8P
   T-1 쩐 (5mm) Extra Bright Precision Optical Performance White LED Lamps.
logo
Agilent(Hewlett-Packard...
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW70 AVAGO-HLMP-CW70 Datasheet
143Kb / 6P
   T-1 3/4 Precision Optical Performance White LED
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CWXX AVAGO-HLMP-CWXX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com