Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI7923DN Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SI7923DN
Descripción Electrónicos  Dual P-Channel 30-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7923DN Datasheet(HTML) 3 Page - Vishay Siliconix

  SI7923DN Datasheet HTML 1Page - Vishay Siliconix SI7923DN Datasheet HTML 2Page - Vishay Siliconix SI7923DN Datasheet HTML 3Page - Vishay Siliconix SI7923DN Datasheet HTML 4Page - Vishay Siliconix SI7923DN Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si7923DN
Vishay Siliconix
New Product
Document Number: 72622
S-51129—Rev. B, 13-Jun-05
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
VSD − Source-to-Drain Voltage (V)
0.00
0.03
0.06
0.09
0.12
0
2468
10
VGS − Gate-to-Source Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.00
0.02
0.04
0.06
0.08
0.10
0.12
04
8
12
16
20
0
2
4
6
8
10
0
3
6
9
12
15
0.6
0.8
1.0
1.2
1.4
1.6
−50
−25
0
25
50
75
100
125
150
0
200
400
600
800
1000
1200
0
5
10
15
20
25
30
Crss
Coss
Ciss
VDS = 10 V
ID = 6.4 A
VGS = 4.5 V
ID = 6.4 A
VGS = 10 V
Gate Charge
On-Resistance vs. Drain Current
Qg − Total Gate Charge (nC)
VDS − Drain-to-Source Voltage (V)
ID − Drain Current (A)
Capacitance
On-Resistance vs. Junction Temperature
TJ − Junction Temperature (_C)
TJ = 150_C
TJ = 25_C
ID = 6.4 A
20
10
1
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VGS = 4.5 V


Número de pieza similar - SI7923DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7923DN VISHAY-SI7923DN Datasheet
211Kb / 4P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI7923DN VISHAY-SI7923DN Datasheet
541Kb / 12P
   Dual P-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI7923DN VISHAY-SI7923DN_06 Datasheet
211Kb / 4P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI7923DN VISHAY-SI7923DN_V01 Datasheet
541Kb / 12P
   Dual P-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI7923DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4953DY VISHAY-SI4953DY Datasheet
43Kb / 4P
   Dual P-Channel 30-V(D-S) MOSFET
Rev. E, 18-Aug-03
SIA931DJ VISHAY-SIA931DJ Datasheet
277Kb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. A, 13-May-13
SI3993DV VISHAY-SI3993DV Datasheet
204Kb / 10P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. C, 02-Nov-09
SI7997DP VISHAY-SI7997DP Datasheet
482Kb / 13P
   Dual P-Channel 30 V (D-S) MOSFET
Rev. A, 09-Aug-10
logo
Anachip Corp
AF4935 ANACHIP-AF4935 Datasheet
149Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4927DY VISHAY-SI4927DY Datasheet
271Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI7941DP VISHAY-SI7941DP Datasheet
274Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
31-May-04
SI7921DN VISHAY-SI7921DN Datasheet
186Kb / 5P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 27-Jun-05
logo
Guangdong Kexin Industr...
KI4923DY KEXIN-KI4923DY Datasheet
51Kb / 2P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7945DP VISHAY-SI7945DP_06 Datasheet
207Kb / 4P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 27-Feb-06
logo
Guangdong Kexin Industr...
KI4953DY KEXIN-KI4953DY Datasheet
50Kb / 2P
   Dual P-Channel 30-V(D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com