Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC78M15CT Datasheet(PDF) 8 Page - ON Semiconductor

No. de pieza MC78M15CT
Descripción Electrónicos  500 mA Positive Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78M15CT Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC78M15CT Datasheet HTML 4Page - ON Semiconductor MC78M15CT Datasheet HTML 5Page - ON Semiconductor MC78M15CT Datasheet HTML 6Page - ON Semiconductor MC78M15CT Datasheet HTML 7Page - ON Semiconductor MC78M15CT Datasheet HTML 8Page - ON Semiconductor MC78M15CT Datasheet HTML 9Page - ON Semiconductor MC78M15CT Datasheet HTML 10Page - ON Semiconductor MC78M15CT Datasheet HTML 11Page - ON Semiconductor MC78M15CT Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MC78M00, MC78M00A Series
http://onsemi.com
8
TJ = 25°C
Figure 4. Peak Output Current versus
Dropout Voltage
Figure 5. Dropout Voltage versus
Junction Temperature
Figure 6. Ripple Rejection versus Frequency
Figure 7. Ripple Rejection versus Output Current
Figure 8. Bias Current versus Input Voltage
100
80
60
40
20
1.0
10
100
1.0 k
10 k
100 k
1.0 M
10 M
100 M
f, FREQUENCY (Hz)
Iout = 500 mA
TJ, JUNCTION TEMPERATURE (°C)
2.5
2.0
1.5
1.0
0.5
0
0
25
50
75
100
125
150
DVO = 100 mV
IO = 500 mA
IO = 100 mA
IO = 10 mA
IO, OUTPUT CURRENT (A)
100
80
60
40
30
0.01
0.1
0.5 1.0
10
Vout = 5.0 V
Vin = 10 V
CO = 0
f = 120 Hz
TJ = 25°C
VI, INPUT VOLTAGE (Vdc)
4.0
3.0
2.0
1.0
0
0
5.0
10
15
20
25
30
35
40
TJ = 25°C
TJ = 125°C
TJ = 125°C
TJ = 25°C
VO = 5.0 V
IO = 0.5 A
IO, OUTPUT CURRENT (A)
5.0
4.0
3.0
2.0
1.0
0
0.01
0.1
0.5
1.0
10
TJ = 125°C
VI−VO = 5.0 V
Figure 9. Bias Current versus Output Current
VI − VO, DROPOUT VOLTAGE (V)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
5.0
10
15
20
25
30
35
40
TJ = 125°C
TJ = 25°C
Iout = 500 mA
Vout = 5.0 V
Vin = 10 V
CO = 0
TJ = 25°C


Número de pieza similar - MC78M15CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC78M15CT MOTOROLA-MC78M15CT Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
Fairchild Semiconductor
MC78M15CT FAIRCHILD-MC78M15CT Datasheet
88Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
MC78M15CT FAIRCHILD-MC78M15CT Datasheet
278Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
ON Semiconductor
MC78M15CTG ONSEMI-MC78M15CTG Datasheet
230Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M15CTG ONSEMI-MC78M15CTG Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
More results

Descripción similar - MC78M15CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
MC78M00 ONSEMI-MC78M00_16 Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
NCV78M05BDTRKG ONSEMI-NCV78M05BDTRKG Datasheet
209Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M00 ONSEMI-MC78M00_V01 Datasheet
309Kb / 14P
   500 mA Positive Voltage Regulators
November, 2021 - Rev. 29
NCV78M12BDTRKG ONSEMI-NCV78M12BDTRKG Datasheet
230Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M09BDTG ONSEMI-MC78M09BDTG_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
logo
Texas Instruments
LM341 TI1-LM341_17 Datasheet
1Mb / 22P
[Old version datasheet]   3-Terminal 500-mA Positive Voltage Regulators
logo
ON Semiconductor
MC79M08BDTG ONSEMI-MC79M08BDTG Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com