Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


TS1086CW Datasheet(Hoja de datos) 6 Page - Taiwan Semiconductor Company, Ltd

No. de Pieza. TS1086CW
Descripción  1.5A Low Dropout Positive Voltage Regulator
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo 

   
 6 page
background image
TS1086
6-6
2003/12 rev. B
TO-252 Mechanical Drawing
B
C
D
A
F
G
I
H
E
J
TO-252 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
6.570
6.840
0.259
0.269
B
9.250
10.400
0.364
0.409
C
0.550
0.700
0.022
0.028
D
2.560
2.670
0.101
0.105
E
2.300
2.390
0.090
0.094
F
0.490
0.570
0.019
0.022
G
1.460
1.580
0.057
0.062
H
0.520
0.570
0.020
0.022
I
5.340
5.550
0.210
0.219
J
1.460
1.640
0.057
0.065
SOT-223 Mechanical Drawing
G
H
E
D
F
C
A
B
J
K
I
SOT-223 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
6.350
6.850
0.250
0.270
B
2.900
3.100
0.114
0.122
C
3.450
3.750
0.136
0.148
D
0.595
0.635
0.023
0.025
E
4.550
4.650
0.179
0.183
F
2.250
2.350
0.088
0.093
G
0.835
1.035
0.032
0.041
H
6.700
7.300
0.263
0.287
I
0.250
0.355
0.010
0.014
J
10°
16°
10°
16°
K
1.550
1.800
0.061
0.071




Html Pages

1  2  3  4  5  6 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
TS15831.5A Dual Input Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
AME10861.5A Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreAnalog Microelectronics
TS391501.5A Ultra Low Dropout Fixed Positive Voltage Regulator 1 2 3 4 5 Taiwan Semiconductor Company, Ltd
TS391511.5A Ultra Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
TS291501.5A Ultra Low Dropout Fixed Positive Voltage Regulator 1 2 3 4 5 List of Unclassifed Manufacturers
AMS10861.5A LOW DROPOUT VOLTAGE REGULATOR 1 2 3 4 5 MoreAdvanced Monolithic Systems
SPX15831.5A Ultra Low Dropout Voltage Regulator Fast Response Adjustable & Fixed 1 2 3 4 5 Sipex Corporation
AME10845A Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreAnalog Microelectronics
H1085U3A LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 Hi-Sincerity Mocroelectronics

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl