Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

T491D156M035AT Datasheet(PDF) 1 Page - Kemet Corporation

No. de pieza T491D156M035AT
Descripción Electrónicos  T491, Tantalum, MnO2 Tantalum, 15 uF, 20%, 35 VDC, SMD, MnO2, Molded, 800 mOhms, 7343, Height Max = 3.1mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491D156M035AT Datasheet(HTML) 1 Page - Kemet Corporation

  T491D156M035AT Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: T491D156M035AT
T491, Tantalum, MnO2 Tantalum, 15 uF, 20%, 35 VDC, SMD, MnO2, Molded, 800 mOhms, 7343, Height Max = 3.1mm
P
Dimensions
Footprint
7343
L
7.3mm +/-0.3mm
W
4.3mm +/-0.3mm
H
2.8mm +/-0.3mm
T
0.13mm REF
S
1.3mm +/-0.3mm
F
2.4mm +/-0.1mm
A
3.6mm MIN
B
0.5mm +/-0.15mm
E
3.5mm REF
G
3.5mm REF
P
0.9mm REF
R
1mm REF
X
0.1mm +/-0.1mm
Packaging Specifications
Weight: 446.84 mg
Packaging: T&R, 178mm
Packaging Quantity: 500
General Information
Series: T491
Dielectric: MnO2 Tantalum
Style: SMD Chip
Description: SMD, MnO2, Molded
RoHS: Yes
Termination: Tin
AEC-Q200: No
Shelf Life: 156 Weeks
MSL: 1
Specifications
Capacitance: 15 uF
Capacitance Tolerance: 20%
Voltage DC: 35 VDC (85C), 23.45 VDC
(125C)
Temperature Range: -55/+125°C
Rated Temperature: 85°C
Dissipation Factor: 6% 120Hz 20C
Failure Rate: N/A
Resistance: 0.8 Ohms (100kHz)
Ripple Current:
433 mA (rms, 100kHz 25C),
389.7 mA (rms, 85C), 173.2 mA
(rms, 125C)
Leakage Current: 5.3 uA (5min 20°C)
© 2006 - 2020 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 7/22/2020 - 55322014-9cfd-4524-958b-544291d40ef0


Número de pieza similar - T491D156M035AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
T491D156M025AT KEMET-T491D156M025AT Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors Space Grade
More results

Descripción similar - T491D156M035AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
T491D156K035AT KEMET-T491D156K035AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 15 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
T491D336M020AT KEMET-T491D336M020AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 33 uF, 20%, 20 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
T491D476M010AT KEMET-T491D476M010AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 47 uF, 20%, 10 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
T491D476M016AT KEMET-T491D476M016AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 47 uF, 20%, 16 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
T491D226K020AT KEMET-T491D226K020AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 22 uF, 10%, 20 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
T491D336K020AT KEMET-T491D336K020AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 33 uF, 10%, 20 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
T491D336M010AT KEMET-T491D336M010AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 33 uF, 20%, 10 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
T491D107M006AT KEMET-T491D107M006AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 100 uF, 20%, 6.3 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
T491D226M025AT KEMET-T491D226M025AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 22 uF, 20%, 25 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
T491D226M035AT KEMET-T491D226M035AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 22 uF, 20%, 35 V, 7343, SMD, MnO2, Molded, 700 mOhms, Height Max = 3.1mm
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com