Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTF3035EJ Datasheet(PDF) 36 Page - Infineon Technologies AG

No. de pieza BTF3035EJ
Descripción Electrónicos  Smart Low-Side Power Switch
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTF3035EJ Datasheet(HTML) 36 Page - Infineon Technologies AG

Back Button BTF3035EJ Datasheet HTML 32Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 33Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 34Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 35Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 36Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 37Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 38Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 39Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
Datasheet
36
Rev. 1.0
2018-08-08
BTF3035EJ
Smart Low-Side Power Switch
Electrical Characteristics
INPUT
Input Voltage
VIN
-0.3 –
5.5
V
Low level input voltage
VIN(L)
-0.3 –
0.8
V
P_9.4.14
High level input voltage
VIN(H)
2.0 –
VDD V–
P_9.4.15
Input voltage hysteresis
VIN(HYS)
200 –
mV –
P_9.4.16
Input pull down current
IIN
160 µA
2.7V < VIN< 5.5V
-0.3V < VDD< 5.5V
P_9.4.17
Internal Input pull down resistor
RIN(GND)
25
50
100 kΩ
P_9.4.18
ENABLE
ENABLE Voltage
VENABLE
-0.3 –
5.5
V
Low level ENABLE voltage
VENABLE(L)
-0.3 –
0.8
V
P_9.4.20
High level ENABLEvoltage
VENABLE(H)
2.0 –
VDD V–
P_9.4.21
ENABLE voltage hysteresis
VENABLE(HYS)
200 –
mV –
P_9.4.22
ENABLE pull down current
IENABLE
160 µA
2.7V < VIN< 5.5V
-0.3V < VDD< 5.5V
P_9.4.23
Internal ENABLE pull down resistor RENABLE(GND)
25
50
100 kΩ
P_9.4.24
ENABLE masking time
tENABLE(MASKING) 48
16
µs
P_9.4.25
SRP
SRP resistor range for adjustable
operation
RSRP(NOR)
5–
70
KΩ 1)
P_9.4.26
SRP resistor range for fast
operation
RSRP(EXTF)
0–
1.5
KΩ 1)
P_9.4.27
SRP resistor range for slow
operation
RSRP(EXTS)
160 –
KΩ 1)
P_9.4.28
1) Not subject to production test, specified by design.
Table 8
Electrical Characteristics: Supply and Input (cont’d)
TJ = -40°C to +150°C, VDD = 3.0 V to 5.5 V, VBAT = 6 V to 18 V, all voltages with respect to ground, positive current
flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min. Typ. Max.


Número de pieza similar - BTF3035EJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BTF3050EJ INFINEON-BTF3050EJ Datasheet
3Mb / 59P
   Smart Low-Side Power Switch
Rev. 1.0 2018-08-08
BTF3050TE INFINEON-BTF3050TE Datasheet
1Mb / 48P
   Smart Low-Side Power Switch
Rev. 1.1, 2018-08-28
BTF3080EJ INFINEON-BTF3080EJ Datasheet
3Mb / 59P
   Smart Low-Side Power Switch
Rev. 1.0 2018-08-08
More results

Descripción similar - BTF3035EJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BTS141TC INFINEON-BTS141TC Datasheet
273Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
   Smart Low Side Power Switch
Rev. 1.3 2008-01-09
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
   Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com