Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTT6050-2ERA Datasheet(PDF) 18 Page - Infineon Technologies AG

No. de pieza BTT6050-2ERA
Descripción Electrónicos  Smart High-Side Power Switch Dual Channel, 50 m廓
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTT6050-2ERA Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button BTT6050-2ERA Datasheet HTML 14Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 15Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 16Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 17Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 18Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 19Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 20Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 21Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
Datasheet
18
Rev.1.00
2019-03-09
PROFET™+ 24V
BTT6050-2ERA
Protection Functions
6
Protection Functions
The device provides integrated protection functions. These functions are designed to prevent the destruction
of the IC from fault conditions described in the data sheet. Fault conditions are considered as “outside”
normal operating range. Protection functions are designed for neither continuous nor repetitive operation.
6.1
Loss of Ground Protection
In case of loss of the module ground and the load remains connected to ground, the device protects itself by
automatically turning OFF (when it was previously ON) or remains OFF, regardless of the voltage applied on IN
pins.
In case of loss of device ground, it’s recommended to use input resistors between the microcontroller and the
BTT6050-2ERA to ensure switching OFF of the channels.
In case of loss of module or device ground, a current (IOUT(GND)) can flow out of the DMOS. Figure 14 sketches
the situation.
ZGND is recommended to be a resistor in series to a diode.
Figure 14 Loss of Ground Protection with External Components
6.2
Undervoltage Protection
Between VS(UV) and VS(OP), the undervoltage mechanism is triggered. VS(OP) represents the minimum voltage
where the switching ON and OFF can takes place. VS(UV) represents the minimum voltage the switch can hold
ON. If the supply voltage is below the undervoltage mechanism VS(UV), the device is OFF (turns OFF). As soon as
the supply voltage is above the undervoltage mechanism VS(OP), then the device can be switched ON. When the
switch is ON, protection functions are operational. Nevertheless, the diagnosis is not guaranteed until VS is in
the VNOM range. Figure 15 illustrates the undervoltage mechanism.
IN0
DEN
IS
ZDESD
GND
OUT
VS
VBAT
ZD(AZ)
LOGIC
DSEL
Loss of ground protection.vsd
IOUT(GND)
ZDS(AZ)
IN1
RIN
RIN
RDEN
RDSEL
RSENSE
RIS
ZIS(AZ)
ZGND
RIS
L, RL


Número de pieza similar - BTT6050-2ERA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BTT6050-2EKA INFINEON-BTT6050-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 1.1, 2015-03-04
BTT6050-2EKA INFINEON-BTT6050-2EKA_15 Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 1.1, 2015-03-04
More results

Descripción similar - BTT6050-2ERA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2HB50-Q1 TI1-TPS2HB50-Q1_19 Datasheet
514Kb / 40P
[Old version datasheet]   40-V, 50-m廓 Dual-Channel Smart High-Side Switch
logo
Infineon Technologies A...
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
   Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
BTF6070-2ERV INFINEON-BTF6070-2ERV Datasheet
1Mb / 42P
   Smart High-Side Power Switch Dual Channel, 60 m廓
Rev. 1.00 2019-04-25
logo
Texas Instruments
TPS2HB50-Q1 TI1-TPS2HB50-Q1_V01 Datasheet
1Mb / 55P
[Old version datasheet]   TPS2HB50-Q1 40-V, 50-m廓 Dual-Channel Smart High-Side Switch
logo
Infineon Technologies A...
BTT6030-2ERB INFINEON-BTT6030-2ERB Datasheet
1Mb / 55P
   Smart High-Side Power Switch Dual Channel, 32m廓
Rev.1.00 2019-03-09
BTS5236-2EKA INFINEON-BTS5236-2EKA Datasheet
978Kb / 27P
   Smart High-Side Power Switch PROFET Two Channels, 50 m廓
Rev. 1.0, Nov 2008
BTS441T INFINEON-BTS441T_08 Datasheet
309Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.11, 2008-12-09
BTT6010-1ERA INFINEON-BTT6010-1ERA Datasheet
1Mb / 46P
   Smart High-Side Power Switch Single Channel, 10 m廓
Rev. 1.00 2019-03-09
BTS441R INFINEON-BTS441R_09 Datasheet
340Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.1, 2009-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com