Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTT6200-1ENA Datasheet(PDF) 14 Page - Infineon Technologies AG

No. de pieza BTT6200-1ENA
Descripción Electrónicos  Smart High-Side Power Switch Single Channel, 200m廓
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTT6200-1ENA Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button BTT6200-1ENA Datasheet HTML 10Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 11Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 12Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 13Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 14Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 15Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 16Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 17Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
Data Sheet
14
Rev. 1.0
2018-05-14
PROFET™+ 24 V
BTT6200-1ENA
Power Stage
5.4
Inverse Current Capability
In case of inverse current, meaning a voltage VINV at the OUTput higher than the supply voltage VS, a current
IINV will flow from output to VS pin via the body diode of the power transistor (please refer to Figure 13). The
output stage follows the state of the IN pin, except if the IN pin goes from OFF to ON during inverse. In that
particular case, the output stage is kept OFF until the inverse current disappears. Nevertheless, the current IINV
should not be higher than IL(INV). If the channel is OFF, the diagnostic will detect an open load at OFF. If the
channel is ON, the diagnostic will detect open load at ON (the overtemperature signal is inhibited). At the
appearance of VINV, a parasitic diagnostic can be observed. After, the diagnosis is valid and reflects the output
state. At VINV vanishing, the diagnosis is valid and reflects the output state. During inverse current, no
protection functions are available.
Figure 13 Inverse Current Circuitry
OUT
VS
VBAT
IL(INV)
inverse current.vsd
VINV
INV
Comp.
Gate
driver
Device
logic
GND
ZGND


Número de pieza similar - BTT6200-1ENA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BTT6200-1EJA INFINEON-BTT6200-1EJA Datasheet
2Mb / 48P
   Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-08-20
More results

Descripción similar - BTT6200-1ENA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BTS40K2-1ENC INFINEON-BTS40K2-1ENC Datasheet
1Mb / 40P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTS5200-1ENA INFINEON-BTS5200-1ENA Datasheet
1Mb / 45P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTT6010-1ERB INFINEON-BTT6010-1ERB Datasheet
1Mb / 47P
   Smart High-Side Power Switch, Single Channel 10m廓
Rev. 1.00 2019-03-09
BTT6030-2ERA INFINEON-BTT6030-2ERA Datasheet
1Mb / 55P
   Smart High-Side Power Switch Single Channel, 32m廓
Rev.1.00 2019-03-09
BTT6050-1ERA INFINEON-BTT6050-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 50m廓
Rev.1.00 2019-03-09
BTT6020-1ERA INFINEON-BTT6020-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 20m廓
Rev.1.00 2019-03-09
ITS4141D INFINEON-ITS4141D Datasheet
444Kb / 19P
   Smart High-Side Power Switch for Industrial Applications 1 Channel: 1 x 200m廓
2006-03-22
BTS4141N INFINEON-BTS4141N_09 Datasheet
472Kb / 21P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
V1.1, 2009-01-12
BTS4141D INFINEON-BTS4141D Datasheet
461Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
BTS4141N INFINEON-BTS4141N Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com