Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ITS4060S-SJ-N Datasheet(PDF) 1 Page - Infineon Technologies AG

No. de pieza ITS4060S-SJ-N
Descripción Electrónicos  Smart high-side NMOS-power switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ITS4060S-SJ-N Datasheet(HTML) 1 Page - Infineon Technologies AG

  ITS4060S-SJ-N Datasheet HTML 1Page - Infineon Technologies AG ITS4060S-SJ-N Datasheet HTML 2Page - Infineon Technologies AG ITS4060S-SJ-N Datasheet HTML 3Page - Infineon Technologies AG ITS4060S-SJ-N Datasheet HTML 4Page - Infineon Technologies AG ITS4060S-SJ-N Datasheet HTML 5Page - Infineon Technologies AG ITS4060S-SJ-N Datasheet HTML 6Page - Infineon Technologies AG ITS4060S-SJ-N Datasheet HTML 7Page - Infineon Technologies AG ITS4060S-SJ-N Datasheet HTML 8Page - Infineon Technologies AG ITS4060S-SJ-N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Data Sheet
Rev 1.1
www.infineon.com/industrial-profets
1
2019-07-25
Smart high-side NMOS-power switch
ITS4060S-SJ-N
Features
• CMOS compatible input
• Switching all types of resistive, inductive and capacitive loads
• Fast demagnetization of inductive loads
• Very low standby current
• Optimized Electromagnetic Compatibility (EMC)
• Overload protection
•Current limitation
• Short circuit protection
• Thermal shutdown with restart
• Overvoltage protection (including load dump)
• Reverse battery protection with external resistor
• Loss of GND and loss of Vbb protection
• Electrostatic Discharge Protection (ESD)
• Green Product (RoHS compliant)
Applications
• All types of resistive, inductive and capacitive loads
• Power switch for 12V and 24V DC applications with CMOS compatible control interface
• Driver for electromagnetic relays
• Power management for high-side-switching with low current consumption in OFF-mode
Product validation
Qualified for industrial applications according to the relevant tests of JEDEC.
Description
The ITS4060S-SJ-N is a protected single channel smart high-side NMOS power switch in a PG-DSO-8 package
with charge pump and CMOS compatible input. The device is monolithically integrated in Smart technology.


Número de pieza similar - ITS4060S-SJ-N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
C&K Components
ITS4060-F-V1-S-TR CK-COMPONENTS-ITS4060-F-V1-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4060-FR1-S-TR CK-COMPONENTS-ITS4060-FR1-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4060-FR2-S-TR CK-COMPONENTS-ITS4060-FR2-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4060-FR3N-S-TR CK-COMPONENTS-ITS4060-FR3N-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4060-FV2-S-TR CK-COMPONENTS-ITS4060-FV2-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
More results

Descripción similar - ITS4060S-SJ-N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
ITS4200S-SJ-D INFINEON-ITS4200S-SJ-D Datasheet
1Mb / 22P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4200S-ME-O INFINEON-ITS4200S-ME-O Datasheet
1Mb / 20P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
BTS41K0S-ME-N INFINEON-BTS41K0S-ME-N Datasheet
1Mb / 20P
   Smart High-Side NMOS-Power Switch
Rev 1.1, 2012-05-08
ITS4200S-ME-P INFINEON-ITS4200S-ME-P Datasheet
1Mb / 20P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4100S-SJ-N INFINEON-ITS4100S-SJ-N Datasheet
1Mb / 20P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS41K0S-ME-N INFINEON-ITS41K0S-ME-N Datasheet
1Mb / 19P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4200S-ME-N INFINEON-ITS4200S-ME-N Datasheet
1Mb / 19P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4300S-SJ-D INFINEON-ITS4300S-SJ-D Datasheet
1Mb / 22P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com