Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ITS4130Q-EP-D Datasheet(PDF) 28 Page - Infineon Technologies AG

No. de pieza ITS4130Q-EP-D
Descripción Electrónicos  130 m廓 Quad Channel Smart High-Side Power Switch
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ITS4130Q-EP-D Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button ITS4130Q-EP-D Datasheet HTML 24Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 25Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 26Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 27Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 28Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 29Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 30Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 31Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Data Sheet
28
Rev. 1.0
2018-06-14
ITS4130Q-EP-D
130 mΩ Quad Channel Smart High-Side Power Switch
Protection Functions
6.4.2
Temperature Limitation in the Power DMOS
Each channel incorporates one temperature sensor. Activation of this temperature sensor will cause an
overheated channel to switch OFF to prevent destruction. Any protective overtemperature shutdown event
triggered within a channel is switching OFF the output of the corresponding channel until the temperature
reaches an acceptable value again.
A restart functionality is implemented that is switching the channel ON again after the DMOS temperature has
sufficiently cooled down.
6.5
Electrical Characteristics: Protection Functions
Table 5
Electrical Characteristics: Protection Functions 1)
VS = 8 V to 36 V, Tj = -40°C to 150°C (unless otherwise specified).
Typical values are given at
VS =24 V, Tj = 25°C
1) Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Integrated
protection functions are designed to prevent IC from destruction under fault conditions described in the data sheet.
Fault conditions are considered as “outside” normal operating range. Protection functions are designed neither for
continuous nor repetitive operation.
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Loss of Ground
Output leakage current
while GND disconnected
IOUT(GND)
–0.1
mA
2) 3) VS =24 V
2) All pins are disconnected except
VS and OUT.
3) Not subject to production test; specified by design.
P_6.5.1
Reverse Polarity
Drain source diode voltage
during reverse polarity
VDS(REV)
650
700
mV
IL =-2 A
Tj = 150°C
P_6.5.2
Overvoltage
Overvoltage protection
VS(AZ)
65
70
75
V
4) ISOV =5 mA
4) For practical cases it is recommended to place a resistor in the range of ≥ 27 Ω into the GND path to limit the GND
current associated with overvoltage events.
P_6.5.3
Overload Condition
Load current limitation
IL(LIM)
1.0
1.25
1.5
A
P_6.5.4
Thermal shutdown
temperature
Tj(SC)
150
175
200
°C
3) –
P_6.5.6
Thermal shutdown
hysteresis
Δ
Tj(SC)
30
K
3) –
P_6.5.7


Número de pieza similar - ITS4130Q-EP-D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
C&K Components
ITS4130-F-V1-S-TR CK-COMPONENTS-ITS4130-F-V1-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4130-FR1-S-TR CK-COMPONENTS-ITS4130-FR1-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4130-FR2-S-TR CK-COMPONENTS-ITS4130-FR2-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4130-FR3N-S-TR CK-COMPONENTS-ITS4130-FR3N-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4130-FV2-S-TR CK-COMPONENTS-ITS4130-FV2-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
More results

Descripción similar - ITS4130Q-EP-D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
ITS4090Q-EP-D INFINEON-ITS4090Q-EP-D Datasheet
1Mb / 42P
   90 m廓 Quad Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
ITS4075Q-EP-D INFINEON-ITS4075Q-EP-D Datasheet
1Mb / 42P
   75 m廓 Quad Channel Smart High-Side Power Switch
Rev. 1.01 2018-06-14
logo
Texas Instruments
TPS4H160-Q1 TI1-TPS4H160-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   40-V, 160-m廓 Quad-Channel Smart High-Side Switch
logo
Infineon Technologies A...
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTS441T INFINEON-BTS441T_08 Datasheet
309Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.11, 2008-12-09
BTT6010-1ERA INFINEON-BTT6010-1ERA Datasheet
1Mb / 46P
   Smart High-Side Power Switch Single Channel, 10 m廓
Rev. 1.00 2019-03-09
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
   Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
BTS441R INFINEON-BTS441R_09 Datasheet
340Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.1, 2009-01-30
BTT6030-1ERA INFINEON-BTT6030-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 31 m廓
Rev.1.00 2019-03-09
BTT6050-2ERA INFINEON-BTT6050-2ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Dual Channel, 50 m廓
Rev.1.00 2019-03-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com