Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLE75602-ESD Datasheet(PDF) 22 Page - Infineon Technologies AG

No. de pieza TLE75602-ESD
Descripción Electrónicos  SPI Driver for Enhanced Relay Control
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75602-ESD Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE75602-ESD Datasheet HTML 18Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 19Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 20Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 21Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 22Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 23Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 24Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 25Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
Datasheet
22
Rev. 1.0
2017-11-23
TLE75602-ESD
SPIDER+ 12V
Power Supply
Table 7 shows the correlation between device operation modes, VS and VDD supply voltages, and state of the
most important functions (channels operativity, SPI communication and SPI registers).
6.1.1
Power-up
The Power-up condition is satisfied when one of the supply voltages (VS or VDD) is applied to the device and the
INn or IDLE pins are set to “high”. If VS is above the threshold VS(OP) or if VDD is above the threshold VDD(LOP) the
internal power-on signal is set.
6.1.2
Sleep mode
When TLE75602-ESD is in Sleep mode, all outputs are OFF and the SPI registers are reset, independently from
the supply voltages. The current consumption is minimum. See parameters IVDD(SLEEP) and IVS(SLEEP), or
parameter ISLEEP for the whole device.
6.1.3
Idle mode
In Idle mode, the current consumption of the device can reach the limits given by parameters IVDD(IDLE) and
IVS(IDLE), or by parameter IIDLE for the whole device. The internal voltage regulator is working. Diagnosis
functions are not available. The output channels are switched OFF, independently from the supply voltages.
When VDD is available, the SPI registers are working and SPI communication is possible. In Idle mode the ERRn
bits are not cleared for functional safety reasons.
Table 7
Device function in relation to operation modes, VS and VDD voltages
Operation
Mode
Function
Undervoltage
condition on VS1)
VDD ≤ VDD(UV)
1) see Chapter 6.2.1 for more details
Undervoltage
condition on VS
VDD > VDD(UV)
VS not in
undervoltage
VDD ≤ VDD(UV)
VS not in
undervoltage
VDD >VDD(UV)
Sleep
Channels
not available
not available
not available
not available
SPI comm.
not available
not available
not available
not available
SPI registers
reset
reset
reset
reset
Idle
Channels
not available
not available
not available
not available
SPI comm.
not available
not available
SPI registers
reset
reset
Active
Channels
not available
not available
✔ (IN pins only)
SPI comm.
not available
not available
SPI registers
reset
reset
Limp Home Channels
not available
not available
✔ (IN pins only)
✔ (IN pins only)
SPI comm.
not available
✔ (read-only)
not available
✔ (read-only)
SPI registers
reset
✔ (read-only)2)
2) see Chapter 6.1.5 for a detailed overview
reset
✔ (read-only)2)


Número de pieza similar - TLE75602-ESD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TLE75602-ESH INFINEON-TLE75602-ESH Datasheet
2Mb / 82P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
More results

Descripción similar - TLE75602-ESD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TLE75080-EMH INFINEON-TLE75080-EMH Datasheet
3Mb / 80P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE75080-EMD INFINEON-TLE75080-EMD Datasheet
3Mb / 67P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE7232GS INFINEON-TLE7232GS Datasheet
742Kb / 32P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, December 2007
TLE7237SL INFINEON-TLE7237SL Datasheet
1Mb / 36P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
TLE7234SE INFINEON-TLE7234SE Datasheet
1Mb / 36P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
TLE7236SE INFINEON-TLE7236SE Datasheet
1Mb / 37P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
TLE7238SL INFINEON-TLE7238SL Datasheet
1Mb / 37P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
TLE7232G INFINEON-TLE7232G Datasheet
922Kb / 36P
   SPI Driver for Enhanced Relay Control
V1.0, September 2005
TLE7233EM INFINEON-TLE7233EM Datasheet
966Kb / 33P
   SPI Driver for Enhanced Relay Control
Rev. 1.2, May 2014
TLE7236EM INFINEON-TLE7236EM Datasheet
1Mb / 37P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com