Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLE75602-ESD Datasheet(PDF) 53 Page - Infineon Technologies AG

No. de pieza TLE75602-ESD
Descripción Electrónicos  SPI Driver for Enhanced Relay Control
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75602-ESD Datasheet(HTML) 53 Page - Infineon Technologies AG

Back Button TLE75602-ESD Datasheet HTML 49Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 50Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 51Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 52Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 53Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 54Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 55Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 56Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 57Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
Datasheet
53
Rev. 1.0
2017-11-23
TLE75602-ESD
SPIDER+ 12V
Serial Peripheral Interface (SPI)
Transfer delay time (rising CSN to
falling CSN)
tCSN(td)
250
ns
1)
VDD = 4.5 V or VS
> 7 V
P_10.4.19
Output enable time (falling CSN to
SO valid)
tSO(en)
200
ns
1)
VDD = 4.5 V or VS
> 7 V
CL = 20 pF at SO
pin
P_10.4.20
Output disable time (rising CSN to
SO tristate)
tSO(dis)
200
ns
1)
VDD = 4.5 V or VS
> 7 V
CL = 20 pF at SO
pin
P_10.4.21
Serial clock frequency
fSCLK
––
5
MHz 1)
VDD = 4.5 V or VS
> 7 V
P_10.4.22
Serial clock period
tSCLK(P)
200
ns
1)
VDD = 4.5 V or VS
> 7 V
P_10.4.23
Serial clock “high” time
tSCLK(H)
75
ns
1)
VDD = 4.5 V or VS
> 7 V
P_10.4.24
Serial clock “low” time
tSCLK(L)
75
ns
1)
VDD = 4.5 V or VS
> 7 V
P_10.4.25
Data setup time (required time SI
to falling SCLK)
tSI(su)
20
ns
1)
VDD = 4.5 V or VS
> 7 V
P_10.4.26
Data hold time (falling SCLK to SI) tSI(h)
20
ns
1)
VDD = 4.5 V or VS
> 7 V
P_10.4.27
Output data valid time with
capacitive load
tSO(v)
100
ns
1)
VDD = 4.5 V or VS
> 7 V
CL = 20 pF at SO
pin
P_10.4.28
Enable lead time (falling CSN to
rising SCLK)
tCSN(lead) 1–
μs
1)
VDD = VS = 3.0 V
P_10.4.29
Enable lag time (falling SCLK to
rising CSN)
tCSN(lag)
1–
μs
1)
VDD = VS = 3.0 V
P_10.4.30
Transfer delay time (rising CSN to
falling CSN)
tCSN(td)
1.25
μs
1)
VDD = VS = 3.0 V
P_10.4.31
Table 12
Electrical Characteristics Serial Peripheral Interface (SPI) (cont’d)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.


Número de pieza similar - TLE75602-ESD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TLE75602-ESH INFINEON-TLE75602-ESH Datasheet
2Mb / 82P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
More results

Descripción similar - TLE75602-ESD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TLE75080-EMH INFINEON-TLE75080-EMH Datasheet
3Mb / 80P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE75080-EMD INFINEON-TLE75080-EMD Datasheet
3Mb / 67P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE7232GS INFINEON-TLE7232GS Datasheet
742Kb / 32P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, December 2007
TLE7237SL INFINEON-TLE7237SL Datasheet
1Mb / 36P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
TLE7234SE INFINEON-TLE7234SE Datasheet
1Mb / 36P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
TLE7236SE INFINEON-TLE7236SE Datasheet
1Mb / 37P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
TLE7238SL INFINEON-TLE7238SL Datasheet
1Mb / 37P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
TLE7232G INFINEON-TLE7232G Datasheet
922Kb / 36P
   SPI Driver for Enhanced Relay Control
V1.0, September 2005
TLE7233EM INFINEON-TLE7233EM Datasheet
966Kb / 33P
   SPI Driver for Enhanced Relay Control
Rev. 1.2, May 2014
TLE7236EM INFINEON-TLE7236EM Datasheet
1Mb / 37P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com