Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLE75602-ESH Datasheet(PDF) 70 Page - Infineon Technologies AG

No. de pieza TLE75602-ESH
Descripción Electrónicos  SPIDER 12V SPI Driver for Enhanced Relay Control
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75602-ESH Datasheet(HTML) 70 Page - Infineon Technologies AG

Back Button TLE75602-ESH Datasheet HTML 66Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 67Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 68Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 69Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 70Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 71Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 72Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 73Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 74Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 82 page
background image
Datasheet
70
Rev. 1.0
2017-11-23
TLE75602-ESH
SPIDER+ 12V
Serial Peripheral Interface (SPI)
DIAG_OLONEN 0010B
11B
8r/w
Open Load at ON diagnostic control
bits (7:4) - reserved
bits DIAG_OLONEN.MUX (3:0)
0000B (reserved)
0001B (reserved)
0010B Open Load at ON diagnostic active on channel 2
0011B Open Load at ON diagnostic active on channel 3
0100B Open Load at ON diagnostic active on channel 4
0101B Open Load at ON diagnostic active on channel 5
0110B Open Load at ON diagnostic active on channel 6
0111B Open Load at ON diagnostic active on channel 7
1000B (reserved)
1001B (reserved)
1010B Open Load at ON diagnosis loop start
1011B (reserved)
1100B (reserved)
1101B (reserved)
1110B (reserved)
1111B (default) Open Load at ON diagnostic not active
HWCR
0011B
00B
8r/w
Hardware Configuration Register
bit HWCR.ACT (7) (Active Mode)
0B
(default) Normal operation or device leaves Active
Mode
1B
Device enters Active Mode
(see Chapter 6.1 for a description of the possible
operative mode transitions)
bit HWCR.RST (6) (Reset)
0B
(default) Normal operation
1B
Execute Reset command (self clearing)
bits HWCR.PAR (3:0) (channels operating in parallel)
0B
(default) Normal operation
1B
two neighbour channels have Over Load and Over
Temperature synchronized (see Chapter 7.3 for
more details)
bits 5:4 - reserved (default: 0B)
HWCR_OCL
n = 7 to 0
0011B
01B
nw
Output Clear Latch
bits HWCR_OCL.OUTn
0B
(default) Normal operation
1B
Clear the error latch for the selected output
Table 18
Register addressing space (cont’d)
Register name ADDR0 ADDR1 Size Type Purpose


Número de pieza similar - TLE75602-ESH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TLE75602-ESD INFINEON-TLE75602-ESD Datasheet
2Mb / 70P
   SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
More results

Descripción similar - TLE75602-ESH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TLE75620-EST INFINEON-TLE75620-EST Datasheet
2Mb / 81P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75004-EPD INFINEON-TLE75004-EPD Datasheet
2Mb / 62P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75242-ESD INFINEON-TLE75242-ESD Datasheet
2Mb / 71P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75242-ESH INFINEON-TLE75242-ESH Datasheet
2Mb / 83P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESD INFINEON-TLE75080-ESD Datasheet
2Mb / 66P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75008-ESD INFINEON-TLE75008-ESD Datasheet
2Mb / 63P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESH INFINEON-TLE75080-ESH Datasheet
2Mb / 78P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-EMH INFINEON-TLE75080-EMH Datasheet
3Mb / 80P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE75080-EMD INFINEON-TLE75080-EMD Datasheet
3Mb / 67P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE7232GS INFINEON-TLE7232GS Datasheet
742Kb / 32P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com