Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISD94100 Datasheet(PDF) 46 Page - Nuvoton Technology Corporation

No. de pieza ISD94100
Descripción Electrónicos  ISD ARM짰 Cortex짰-M4F SoC
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUVOTON [Nuvoton Technology Corporation]
Página de inicio  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD94100 Datasheet(HTML) 46 Page - Nuvoton Technology Corporation

Back Button ISD94100 Datasheet HTML 42Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 43Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 44Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 45Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 46Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 47Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 48Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 49Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 50Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 109 page
background image
ISD94100 Series Datasheet
Sep 09, 2019
Page 46 of 109
Rev1.13
42
26
PWM0_P1_INT
PWM0 pair 1 interrupt
43
27
PWM0_P2_INT
PWM0 pair 2 interrupt
44 ~ 47
28 ~ 31
Reserved
Reserved
48
32
TMR0_INT
Timer 0 interrupt
49
33
TMR1_INT
Timer 1 interrupt
50
34
TMR2_INT
Timer 2 interrupt
51
35
TMR3_INT
Timer 3 interrupt
52
36
UART0_INT
UART0 interrupt
53
37
Reserved
Reserved
54
38
I2C0_INT
I2C0 interrupt
55
39
I2C1_INT
I2C1 interrupt
56
40
PDMA_INT
PDMA interrupt
57
41
Reserved
Reserved
58
42
EADC0_INT
EADC interrupt source 0
59
43
EADC1_INT
EADC interrupt source 1
60
44
Reserved
Reserved
61
45
Reserved
Reserved
62
46
EADC2_INT
EADC interrupt source 2
63
47
EADC3_INT
EADC interrupt source 3
64 ~ 66
48~ 50
Reserved
Reserved
67
51
SPI2_INT
SPI2 interrupt
68
52
DMIC_INT
DMIC interrupt
69
53
USBD_INT
USB device interrupt
70 ~ 71
54 ~ 55
Reserved
Reserved
72
56
VAD_INT
VAD interrupt
73 ~ 77
57 ~ 61
Reserved
Reserved
78
62
DPWM_INT
DPWM interrupt
79 ~ 83
63 ~ 67
Reserved
Reserved
84
68
I2S0_INT
I2S0 interrupt
85 ~ 111
69 ~ 95
Reserved
Reserved
Table 6.2.7-2 Interrupt Number Table
6.2.7.2
Operation Description
NVIC interrupts can be enabled and disabled by writing to their corresponding Interrupt Set-Enable
or Interrupt Clear-Enable register bit-field. The registers use a write-1-to-enable and write-1-to-clear
policy, both registers reading back the current enabled state of the corresponding interrupts. When
an interrupt is disabled, interrupt assertion will cause the interrupt to become Pending, however,
the interrupt will not activate. If an interrupt is Active when it is disabled, it remains in its Active state


Número de pieza similar - ISD94100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
ISD9100 ETC2-ISD9100 Datasheet
864Kb / 26P
   ISD Cortex-M0 ChipCorder
logo
Nuvoton Technology Corp...
ISD9100 NUVOTON-ISD9100 Datasheet
864Kb / 26P
   ISD Cortex??M0 ChipCorder
ISD91032 NUVOTON-ISD91032 Datasheet
1Mb / 22P
   ISD ARM짰 Cortex짰 M0 SoC
ISD91200 NUVOTON-ISD91200 Datasheet
870Kb / 48P
   ISD ARM짰 Cortex짰-M0 SoC
ISD91300 NUVOTON-ISD91300 Datasheet
483Kb / 27P
   ISD ARM짰 Cortex짰-M0 Audio SoC
More results

Descripción similar - ISD94100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nuvoton Technology Corp...
ISD91200 NUVOTON-ISD91200 Datasheet
870Kb / 48P
   ISD ARM짰 Cortex짰-M0 SoC
ISD91032 NUVOTON-ISD91032 Datasheet
1Mb / 22P
   ISD ARM짰 Cortex짰 M0 SoC
ISD91300 NUVOTON-ISD91300 Datasheet
483Kb / 27P
   ISD ARM짰 Cortex짰-M0 Audio SoC
M480 NUVOTON-M480 Datasheet
8Mb / 401P
   32-bit ARM짰 Cortex짰-M4F Microcontroller
logo
Texas Instruments
S6E2C2AL0AGL20000 TI1-S6E2C2AL0AGL20000 Datasheet
5Mb / 207P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
S6E2C3 CYPRESS-S6E2C3 Datasheet
5Mb / 198P
   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Texas Instruments
S6E2C49J0AGB10000 TI1-S6E2C49J0AGB10000 Datasheet
4Mb / 193P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
MB9B360R CYPRESS-MB9B360R Datasheet
3Mb / 166P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9B160L CYPRESS-MB9B160L Datasheet
2Mb / 118P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9BF564KQN CYPRESS-MB9BF564KQN Datasheet
2Mb / 124P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com