Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FR79L12F Datasheet(PDF) 1 Page - First Silicon Co., Ltd

No. de pieza FR79L12F
Descripción Electrónicos  Three-terminal negative voltage regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FS [First Silicon Co., Ltd]
Página de inicio  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FR79L12F Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FR79L12F Datasheet HTML 1Page - First Silicon Co., Ltd FR79L12F Datasheet HTML 2Page - First Silicon Co., Ltd FR79L12F Datasheet HTML 3Page - First Silicon Co., Ltd FR79L12F Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Parameter
Symbol
Test conditions
Min
T
yp
25
-12
V
-14.5V
≤Vl≤-27V, Io=1mA~40mA
-11.4
-12
-12.6
V
Output Voltage
Vo
Io=1mA~70mA
0-125
-11.4
-12
-12.6
V
Io=1mA~100mA
25
24
100
mV
Load Regulation
ΔVo
Io=1mA~40mA
25
15
50
mV
-14.5V
≤Vl≤-27V
25
50
250
mV
Line Regulation
ΔVo
-16V
≤Vl≤-27V
25
40
200
mV
Quiescent Current
Iq
25
6.5
mA
ΔIq
-16V
≤Vl≤-27V
0-125
1.5
mA
Quiescent Current Change
ΔIq
1mA
≤IO≤40mA
0-125
0.1
mA
Output Noise Voltage
VN
10Hz
≤f≤100KHz
25
80
Ripple Rejection
RR
-15V
≤Vl≤-25V,f=120Hz
0-125
37
42
Dropout Voltage
Vd
25
1.7
V
TYPICAL APPLICATION
Note:
Bypass capacitors are recommended for optimum stability and transient response and should be located as close as
possible to the regulators.
FEATURES
Maximum output current
IOM: 0.1A
Output voltage
Vo: -12 V
Continuous total dissipation
PD:0.6 W
ABSOLUTE MAXIMUM RATINGS
dB
μV/Vo
(Ta= 25
℃)
SOT-89-3L
1. GND
2. IN
3.OUT
1
Co
0.1
μF
-Vi
2
3
-Vo
Ci
0.33
μF
FR79L12F
-11.52
-12.48
Three-terminal negative voltage regulator
(Operating temperature range applies unless otherwise specified)
Parameter
Symbol
Value
Input Voltage
Vi
-35
V
Thermal Resistance from Junction to Ambient
RθJA
208.3
℃/W
Operating Junction Temperature Range
TOPR
Storage Temperature Range
TSTG
-65 ~ +150
0 ~ +150
Unit
Max
Unit
ELECTRICAL CHARACTERISTICS
(Vi = -19V, Io = 40mA , Ci
=0.33μF,Co=0.1μF unless otherwise specified)
SEMICONDUCTOR
TECHNICAL DATA
FR79L12F
2018. 11. 08
1/4
Revision No : 0


Número de pieza similar - FR79L12F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
First Silicon Co., Ltd
FR79L05F FS-FR79L05F Datasheet
281Kb / 3P
   Three-terminal negative voltage regulator
More results

Descripción similar - FR79L12F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Jin Yu Semicon...
LM79L12 HTSEMI-LM79L12 Datasheet
988Kb / 2P
   Three-terminal negative voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78L08 WINNERJOIN-WEJ78L08_15 Datasheet
143Kb / 1P
   Three-terminal negative voltage regulator
WEJ79L09 WINNERJOIN-WEJ79L09 Datasheet
128Kb / 1P
   Three-terminal negative voltage regulator
logo
Jiangsu Changjiang Elec...
CJ7908 JIANGSU-CJ7908 Datasheet
794Kb / 3P
   Three-terminal negative voltage regulator
CJ7915F JIANGSU-CJ7915F Datasheet
1Mb / 2P
   Three-terminal negative voltage regulator
CJ7912 JIANGSU-CJ7912 Datasheet
788Kb / 3P
   Three-terminal negative voltage regulator
CJ79L05-SOT-23-3L JIANGSU-CJ79L05-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
CJ79L09-SOT-23-3L JIANGSU-CJ79L09-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
logo
Guangdong Kexin Industr...
LM79L15 KEXIN-LM79L15 Datasheet
64Kb / 1P
   Three-terminal Negative Voltage Regulator
logo
Jiangsu Changjiang Elec...
CJ79L09 JIANGSU-CJ79L09 Datasheet
3Mb / 4P
   Three-terminal negative voltage regulator
logo
Guangdong Kexin Industr...
KA090Q05 KEXIN-KA090Q05 Datasheet
175Kb / 1P
   Three-Terminal Negative Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com