Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AUIPS6041 Datasheet(PDF) 5 Page - Infineon Technologies AG

No. de Pieza. AUIPS6041
Descripción  INTELLIGENT POWER HIGH SIDE SWITCH
Descarga  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo 

AUIPS6041 Datasheet(HTML) 5 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AUIPS6041(G)(R)(S)
www.irf.com
5
Protection Characteristics
Tj=-40°C..150°C, Vcc=6..28V (unless otherwise specified), typical values are given for Vcc=14V and Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Ilim
Internal current limit
4
7
10
A
Vout=0V, Tj=25°C
Tsd+
Over temperature high threshold
150(1)
165
°C
See fig. 2
Tsd-
Over temperature low threshold
158
Vsc
Short-circuit detection voltage(2)
2
3
4
V
UV+
5
6.2
UV -
4.5
5.8
VOL Off
Open load detection threshold
2
3
4
I OL On
Open load detection threshold
0.05
0.17
0.27
A
Tj=-40..25°C
0.05
0.15
0.22
Tj=25..150°C
(1) Guaranteed by design
(2) Reference to Vcc
True Table
Operating Conditions
IN
OUT
DG
Normal
H
H
H
Normal
L
L
H
Open Load
H
H
L
Open Load (3)
L
H
L
Short circuit to Gnd
H
L
L
Short circuit to Gnd
L
L
H
Short circuit to Vcc
H
H
L (4)
Short circuit to Vcc (5)
L
H
L
Over-temperature
H
L
L
Over-temperature
L
L
H
(3) With a pull-up resistor connected between the output and Vcc.
(4) Vds lower than 10mV.
(5) Without a pull-up resistor connected between the output and Vcc.
Lead Assignments


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn