Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AUIPS6041 Datasheet(PDF) 6 Page - Infineon Technologies AG

No. de Pieza. AUIPS6041
Descripción  INTELLIGENT POWER HIGH SIDE SWITCH
Descarga  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo 

AUIPS6041 Datasheet(HTML) 6 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AUIPS6041(G)(R)(S)
www.irf.com
6
Functional Block Diagram
All values are typical
IN
VCC
OUT
37V
Driver
I Limit
43V
I sense
-
+
Charge
Pump
Level
Shifter
Tj
165°C
158°C
2.5V
2.0V
6V
DG
6V
GND
Ground
Disconnect
3V
-
+
Open load off
Over-temp
20mV
-
+
Open load on
3V
-
+
Short circuit
43V
Vcc-gnd >UV


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn