Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AUIPS6041 Datasheet(PDF) 8 Page - Infineon Technologies AG

No. de Pieza. AUIPS6041
Descripción  INTELLIGENT POWER HIGH SIDE SWITCH
Descarga  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo 

AUIPS6041 Datasheet(HTML) 8 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AUIPS6041(G)(R)(S)
www.irf.com
8
50%
100%
150%
200%
-50
0
50
100
150
Tj, junction temperature (°C)
Figure 6 - Normalized Rds(on) (%) Vs Tj (°C)
Figure 7
– Max. Output current (A) Vs Load
inductance (mH)
Load inductance (mH)
Figure 8
– Max. ouput current (A)
Vs Ambient temperature (°C)
0
0.5
1
1.5
2
2.5
3
-50
0
50
100
150
100°C/W
Tamb, Ambient temperature (°C)
Figure 5
– Switching energy (µJ) Vs Output
current (A)
Iout, Output current (A)
0
50
100
150
200
250
300
0
1
2
3
4
5
0.1
1
10
0.1
1
10
100
1000
Eon
Eoff


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn